Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3352DQ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3352DQ
Description  60V, 2.5A Integrated Photo Flash Charger with IGBT Driver and Quench
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3352DQ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3352DQ Datasheet HTML 1Page - Monolithic Power Systems MP3352DQ Datasheet HTML 2Page - Monolithic Power Systems MP3352DQ Datasheet HTML 3Page - Monolithic Power Systems MP3352DQ Datasheet HTML 4Page - Monolithic Power Systems MP3352DQ Datasheet HTML 5Page - Monolithic Power Systems MP3352DQ Datasheet HTML 6Page - Monolithic Power Systems MP3352DQ Datasheet HTML 7Page - Monolithic Power Systems MP3352DQ Datasheet HTML 8Page - Monolithic Power Systems MP3352DQ Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP3352
60V, 2.5A Integrated Photo Flash Charger
with IGBT Driver and Quench
MP3352 Rev. 0.9
www.MonolithicPower.com
1
11/12/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3352 is a fast, highly efficient, precision
high-voltage photo-flash charger with integrated
IGBT driver for xenon flash applications. The
programmable peak current is up to 2.5A to
ensure fast charging time. A 200mΩ internal
power switch minimizes the conduction loss. In
addition, a 60V maximum voltage lowers the
transformer turns ratio and improves the
switching loss associated with the primary
leakage inductance. External feedback provides
3% charge accuracy.
The MP3352 is available in a 16-pin 3mm x
3mm QFN package.
FEATURES
• Integrated 60V, 200mΩ Power Switch
• Programmable Peak Current Up to 2.5A
• 3% Charge Accuracy
• <1uA Shutdown Current
• Integrated IGBT Driver
• Integrated Quench Feature
APPLICATIONS
• Digital Still Cameras
• Optical Film Cameras
• Mobile Phones With Camera
• PDAs With Camera
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP3352
SW
RDYB
SW
FB
ISET
IGBTOUT
QREF
QSNS
GND
NC
NC
IGBTIN
PGND
PGND
CHARGE
VIN
D1
D2
600V/1A
FGR15N40A
T1A
T2
TP8
VIN
CHAG
RDYB
QREF
QSNS
AGND
IGBTIN
+
R13
10k
R9
33.2k


Similar Part No. - MP3352DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3352DQ MPS-MP3352DQ Datasheet
191Kb / 6P
Integrated Photo Flash Charger IGBT Driver EV Board
More results

Similar Description - MP3352DQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65561 TI-TPS65561 Datasheet
568Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65562 TI1-TPS65562 Datasheet
668Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3351 MPS-MP3351 Datasheet
535Kb / 8P
60V, 2A Integrated Photo Flash Charger With IGBT Driver
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com