Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3352DQ Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3352DQ
Description  60V, 2.5A Integrated Photo Flash Charger with IGBT Driver and Quench
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3352DQ Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3352DQ Datasheet HTML 1Page - Monolithic Power Systems MP3352DQ Datasheet HTML 2Page - Monolithic Power Systems MP3352DQ Datasheet HTML 3Page - Monolithic Power Systems MP3352DQ Datasheet HTML 4Page - Monolithic Power Systems MP3352DQ Datasheet HTML 5Page - Monolithic Power Systems MP3352DQ Datasheet HTML 6Page - Monolithic Power Systems MP3352DQ Datasheet HTML 7Page - Monolithic Power Systems MP3352DQ Datasheet HTML 8Page - Monolithic Power Systems MP3352DQ Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP3352 – 60V, 2.5A INTEGRATED PHOTO FLASH CHARGER WITH IGBT DRIVER AND QUENCH
MP3352 Rev. 0.9
www.MonolithicPower.com
5
11/12/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
TA = +25°C, unless otherwise noted.
2.0
3.0
4.0
5.0
6.0
7.0
50
100
150
200
250
300
INPUT VOLTAGE (V)
2.0
3.0
4.0
5.0
6.0
7.0
INPUT VOLTAGE (V)
2.0
292
294
296
298
300
290
3.0
4.0
5.0
6.0
7.0
INPUT VOLTAGE (V)
OUTPUT VOLTAGE (V)
Charge time vs.
Input Voltage
Line Regulation (%)
Flash Current
VOUT vs. VIN
Efiiciency at ISET=2.5A
0
-1.00
-0.50
0.00
0.50
1.00
0.5
40
45
50
55
60
65
70
75
80
85
1.0
1.5
2.0
2.5
VIN=6V
VIN=3V
VIN=4.5V
VOUT=300V
VIGBTOUT
2V/div.
VIGBTIN
2V/div.
VOUT
100V/div.
IFLASH
50A/div.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com