Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3356 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3356
Description  High Voltage Photo Flash Charger and IGBT Driver for DSC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3356 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3356 Datasheet HTML 1Page - Monolithic Power Systems MP3356 Datasheet HTML 2Page - Monolithic Power Systems MP3356 Datasheet HTML 3Page - Monolithic Power Systems MP3356 Datasheet HTML 4Page - Monolithic Power Systems MP3356 Datasheet HTML 5Page - Monolithic Power Systems MP3356 Datasheet HTML 6Page - Monolithic Power Systems MP3356 Datasheet HTML 7Page - Monolithic Power Systems MP3356 Datasheet HTML 8Page - Monolithic Power Systems MP3356 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP3356 – HIGH VOLTAGE PHOTO FLASH CHARGER AND IGBT DRIVER FOR DSC
MP3356 Rev. 0.91
www.MonolithicPower.com
5
1/29/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
TA = +25
°C, unless otherwise noted.
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
OUTPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Output Voltage vs.
Input Voltage
Charge Time vs.
Input Voltage
600
900
1200
1500
1800
2100
2400
2700
3000
3300
3600
3900
2.5
3 3.5
4 4.5
5 5.5
6 6.5
Iset=1.5A, Cout=47uF, Vo=300V
Iset=1.5A, Cout=100uF, Vo=300V
Efficiency
Vin=3V, Iset=1.5A
with 1:8 transformer
Line Regulation
40
45
50
55
60
65
70
75
80
85
70 110 150 190 230 270 310
Vin=3V, Lpri=9.8uH
Vin=4.5V, Lpri=9.8uH
Vin=6V, Lpri=9.8uH
0.993
0.994
0.995
0.996
0.997
0.998
0.999
1
1.001
2.5
3 3.5
4 4.5
5 5.5
6 6.5
Iset=1.5A, Cout=47uF, Vo=300V
293.1
293.4
293.7
294
294.3
294.6
294.9
295.2
2.5
3 3.5
4 4.5
5 5.5
6 6.5
Iset=1.5A, Cout=47uF, Vo=300V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com