Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3356 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3356
Description  High Voltage Photo Flash Charger and IGBT Driver for DSC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3356 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3356 Datasheet HTML 1Page - Monolithic Power Systems MP3356 Datasheet HTML 2Page - Monolithic Power Systems MP3356 Datasheet HTML 3Page - Monolithic Power Systems MP3356 Datasheet HTML 4Page - Monolithic Power Systems MP3356 Datasheet HTML 5Page - Monolithic Power Systems MP3356 Datasheet HTML 6Page - Monolithic Power Systems MP3356 Datasheet HTML 7Page - Monolithic Power Systems MP3356 Datasheet HTML 8Page - Monolithic Power Systems MP3356 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP3356
High Voltage Photo Flash Charger
and IGBT Driver for DSC
MP3356 Rev. 0.91
www.MonolithicPower.com
1
1/29/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3356 is a fast, highly efficient and
precision high voltage photo-flash charger for
DSC xenon flash.
The MP3356 has a peak current of 1.5A. A
50V, 0.5Ω internal power switch lowers
transformer turns ratio and switching losses
associated with the primary leakage inductance
and winding capacitance. Integrated secondary
feedback resistors provide +/-2.5% output
voltage charge accuracy. MP3356 also has an
integrated IGBT driver.
MP3356 is available in the 10-pin, 2X2 flip chip
package.
FEATURES
•
Integrated 50V, 0.5
Ω Power Switch
•
1.5A peak current limit
•
2.5% Charge Accuracy
•
<1uA Shutdown Current
•
Integrated IGBT Driver
APPLICATIONS
•
Digital Still Cameras
•
Optical Film Cameras
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
4
1, 2, 3
5, 6, 7, 8
MP3356
VIN
VIN
VIN
AGND
EN
PG
IGBTIN
IGBTIN
PGND
IGBTOUT
FB
SW
U1
GND
CHAG
PG


Similar Part No. - MP3356

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3356DG MPS-MP3356DG Datasheet
279Kb / 6P
Integrated Photo Flash Charger IGBT Driver EV Board
More results

Similar Description - MP3356

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65561 TI-TPS65561 Datasheet
568Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65562 TI1-TPS65562 Datasheet
668Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
Highly Integrated Photo Flash Charger and IGBT Driver
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com