Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3356 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3356
Description  High Voltage Photo Flash Charger and IGBT Driver for DSC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3356 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP3356 Datasheet HTML 2Page - Monolithic Power Systems MP3356 Datasheet HTML 3Page - Monolithic Power Systems MP3356 Datasheet HTML 4Page - Monolithic Power Systems MP3356 Datasheet HTML 5Page - Monolithic Power Systems MP3356 Datasheet HTML 6Page - Monolithic Power Systems MP3356 Datasheet HTML 7Page - Monolithic Power Systems MP3356 Datasheet HTML 8Page - Monolithic Power Systems MP3356 Datasheet HTML 9Page - Monolithic Power Systems MP3356 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MP3356 – HIGH VOLTAGE PHOTO FLASH CHARGER AND IGBT DRIVER FOR DSC
MP3356 Rev. 0.91
www.MonolithicPower.com
8
1/29/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
OPERATION
The MP3356 controlled flyback charger operates
in critical conduction mode with 1.5A peak
current. The output voltage is divided down
through an internal 300: 1 resistive divider from
the
positive
terminal
of
the
transformer
secondary (FB pin) and compares it with an
internal 1.2V reference.
The low to high
transition of the EN pin will enable the flyback
converter to switch.
A constant TOFF of 20µs is used when the output
voltage is below 20V to avoid inrush current. The
boundary mode operation will follow to minimize
charge time when the output voltage is above
20V. A minimum TOFF of 200ns serves as
blanking for turn off transition. The circuit will stop
switching and PG will be pulled low once the
flash capacitor is charged to 300V. This value is
set by the internal 300:1 R divider and the 1.2V
reference. When charge is complete, the part will
shut down its internal circuitry and draw less than
100uA drawn from Vin. The EN pin will restart the
charge. Bringing the EN pin low terminates the
power delivery and puts the part in shutdown. A
maximum TON timer prevents pulling current from
a depleted battery. If the ON time exceeds the
maximum TON, the switch is forced OFF
regardless of IPEAK detection.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com