Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3397 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3397
Description  Step-Up, 4-String Max 350mA/String White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3397 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3397 Datasheet HTML 1Page - Monolithic Power Systems MP3397 Datasheet HTML 2Page - Monolithic Power Systems MP3397 Datasheet HTML 3Page - Monolithic Power Systems MP3397 Datasheet HTML 4Page - Monolithic Power Systems MP3397 Datasheet HTML 5Page - Monolithic Power Systems MP3397 Datasheet HTML 6Page - Monolithic Power Systems MP3397 Datasheet HTML 7Page - Monolithic Power Systems MP3397 Datasheet HTML 8Page - Monolithic Power Systems MP3397 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP3397
Step-Up, 4-String
Max 350mA/String White LED Driver
MP3397 Rev. 1.01
www.MonolithicPower.com
1
9/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3397 is a step-up controller with 4
current channels designed to drive WLED
arrays for large-size LCD-panel backlighting
applications. The MP3397 is flexible, and can
expand the number of LED channels with two
or more MP3397s in parallel operating from a
single inductive power source.
The
MP3397
uses
current-mode
fixed-
frequency architecture. An external resistor sets
the switching frequency. This signal drives an
external MOSFET to boost up the output
voltage from 5V to a 28V input supply. The
MP3397 regulates the current in each LED
string to the programmed value set by an
external current-setting resistor.
The MP3397 applies 4 internal current sources
for current balance. The current matching can
achieve 2.5% regulation accuracy between
strings. Its low regulation voltage on LED
current sources reduces power loss and
improves efficiency.
An external PWM input signal or DC input
signal controls PWM dimming. The dimming
PWM signal can be generated internally and
the dimming frequency is programmed by an
external setting capacitor.
FEATURES
 4-String, Max 350mA/String at 10% DPWM
 5V to 28V Input Voltage Range
 2.5% Current Matching Accuracy Between
Strings
 Programmable Switching Frequency
 PWM or DC Input Burst PWM Dimming
 Open and Short LED Protection
 Programmable Over-Voltage Protection
 Cascading Capability with a Single Power
Source
 Under-Voltage Lockout
 Thermal Shutdown
 16-pin TSSOP,SOIC Package
APPLICATIONS
 Desktop LCD Flat Panel Displays
 Flat Panel Video Displays
 2D/3D LCD TVs and Monitors
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.


Similar Part No. - MP3397

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3391 MPS-MP3391 Datasheet
569Kb / 18P
8-Channel, 120mA/ch Step-Up WLED Driver Controller
MP3391EF MPS-MP3391EF Datasheet
569Kb / 18P
8-Channel, 120mA/ch Step-Up WLED Driver Controller
MP3391EF MPS-MP3391EF Datasheet
204Kb / 7P
8 String White LED Driver Evaluation Board
MP3391EY MPS-MP3391EY Datasheet
569Kb / 18P
8-Channel, 120mA/ch Step-Up WLED Driver Controller
MP3391EY MPS-MP3391EY Datasheet
192Kb / 7P
8 String White LED Driver Evaluation Board
More results

Similar Description - MP3397

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Monolithic Power System...
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
50V, 4-String White LED Driver
MP3388S MPS-MP3388S Datasheet
477Kb / 15P
50V, 8-String, Step-Up, White LED Driver
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
50V, 4-String, White LED Driver
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3398A MPS-MP3398A Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com