Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3397 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3397
Description  Step-Up, 4-String Max 350mA/String White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3397 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3397 Datasheet HTML 8Page - Monolithic Power Systems MP3397 Datasheet HTML 9Page - Monolithic Power Systems MP3397 Datasheet HTML 10Page - Monolithic Power Systems MP3397 Datasheet HTML 11Page - Monolithic Power Systems MP3397 Datasheet HTML 12Page - Monolithic Power Systems MP3397 Datasheet HTML 13Page - Monolithic Power Systems MP3397 Datasheet HTML 14Page - Monolithic Power Systems MP3397 Datasheet HTML 15Page - Monolithic Power Systems MP3397 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP3397—4-STRING, MAX 350mA/STRING WHITE LED DRIVER
MP3397 Rev. 1.01
www.MonolithicPower.com
13
9/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Figure 4—Direct PWM Dimming
Table 1 shows the PWM dimming duty Range
with different PWM dimming frequency.
Tab 1 The Range of PWM Dimming Duty
fPWM(Hz)
Dmin
Dmax
100<f
200
0.30%
100%
200<f
500
0.75%
100%
500<f
1k
1.50%
100%
1k<f
2k
3.00%
100%
2k<f
5k
7.50%
100%
5k<f
10k
15.00%
100%
10k<f
20k
30.00%
100%
2. DC Input PWM Dimming
For DC input PWM dimming, apply an analog
signal (ranging from 0.2 V to 1.2V) to the DBRT
pin to modulate the LED current directly. If the
DBRT voltage falls below 0.2V, the PWM duty
cycle will be 0%. If the DBRT voltage goes above
1.2V, the output will be 100% (See Figure 5). The
capacitor on BOSC pin sets the frequency of the
internal triangle waveform according to the
equation.
fBOSC (kHz)= 3.5 / CBOSC(nF)
Chose a dimming frequency in the range of
100Hz to 20kHz.
Figure 5—DC input PWM Dimming
Expanding LED Channels
The MP3397 can expand the number of LED
channels by using two or three MP3397s in
parallel. To connect two MP3397s for a total of 8
LED strings, tie the VCC pins of the master IC
and the slave IC together to power the slave IC
internal logic circuitry. Tie the COMP pins of the
slave IC and the master IC together to regulate
the voltage of all 8 strings LEDs. The slave IC
MOSFET driving signals are not used; the boost
converter can be only driven by the master IC.
Do not leave the ISENSE pin of the slave IC
floating; tie it to ground. Apply the EN and DIM
signals to both ICs. For best results, use external
PWM dimming mode for synchronized and
accurate dimming.
Layout Considerations
The circuit layout for the MP3397 requires
special attention to reduce EMI noise.
The loop from the external MOSFET (M1),
through the output diode (D1) and the output
capacitor (C2, C3) carry a high-frequency pulse
current and must be as small and short as
possible (See Figure 6).
Figure 6—Layout Consideration
All logic signals return to the signal ground. In
order to reduce the effects of noise, separate
power ground (PGND) and signal ground (GND),
and connect PGND and GND together through
single point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com