Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3397 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3397
Description  Step-Up, 4-String Max 350mA/String White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3397 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3397 Datasheet HTML 6Page - Monolithic Power Systems MP3397 Datasheet HTML 7Page - Monolithic Power Systems MP3397 Datasheet HTML 8Page - Monolithic Power Systems MP3397 Datasheet HTML 9Page - Monolithic Power Systems MP3397 Datasheet HTML 10Page - Monolithic Power Systems MP3397 Datasheet HTML 11Page - Monolithic Power Systems MP3397 Datasheet HTML 12Page - Monolithic Power Systems MP3397 Datasheet HTML 13Page - Monolithic Power Systems MP3397 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP3397—4-STRING, MAX 350mA/STRING WHITE LED DRIVER
MP3397 Rev. 1.01
www.MonolithicPower.com
10
9/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
For external PWM dimming, ground the BOSC
pin through a resistor, and apply an external
PWM signal to the DBRT pin.
For DC-input PWM dimming, apply a DC analog
signal to the DBRT pin, and connect a capacitor
from BOSC to ground. The DC signal is then
converted to a DPWM dimming signal with a
proportional oscillation frequency.
The brightness of the LED array is proportional to
the duty cycle of the DPWM signal. The DPWM
signal frequency is set by the capacitor from the
BOSC pin to ground.
Open String Protection
Open string protection is achieved through the
OVP pin and the LED (1 to 4) pins. If one or more
strings are open, the respective LEDX pins are
pulled to ground and the IC keeps charging the
output voltage until it reaches the over-voltage
protection (OVP) threshold. Then the chip marks
which strings have an LEDX pin voltage lower
than 196mV. Once marked, the remaining LED
strings force the output voltage back into tight
regulation. The string with the largest voltage
drop determines the output regulation.
The MP3397 will always attempt to light at least
one string. If all strings are open, the MP3397
shuts down the step-up converter. The strings
will remain in this marked state until the chip
reset.
Short String Protection
The MP3397 monitors the LEDX pin voltages to
determine if a short string fault has occurred. If
one
or
more
strings
are
shorted,
the
corresponding LEDX pins tolerate this higher
voltage. If an LEDX pin voltage is higher than
6.3V, this condition triggers the detection of a
short string. When a short string fault (LEDX
over-voltage fault) continues for 4096 switching
cycles, the fault string is marked OFF and
disabled. Once a string is marked OFF, it
disconnects from the output voltage loop. The
marked LED strings shut off completely until the
part restarts. If all strings are shorted, the
MP3397 will shut down the step-up converter.
The strings remain marked OFF until the chip
resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com