Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3397ES Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3397ES
Description  Step-Up, 4-String Max 350mA/String White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3397ES Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3397ES Datasheet HTML 2Page - Monolithic Power Systems MP3397ES Datasheet HTML 3Page - Monolithic Power Systems MP3397ES Datasheet HTML 4Page - Monolithic Power Systems MP3397ES Datasheet HTML 5Page - Monolithic Power Systems MP3397ES Datasheet HTML 6Page - Monolithic Power Systems MP3397ES Datasheet HTML 7Page - Monolithic Power Systems MP3397ES Datasheet HTML 8Page - Monolithic Power Systems MP3397ES Datasheet HTML 9Page - Monolithic Power Systems MP3397ES Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MP3397—4-STRING, MAX 350mA/STRING WHITE LED DRIVER
MP3397 Rev. 1.01
www.MonolithicPower.com
6
9/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
COMP
Step-up Converter Compensation Pin. This pin compensates the regulation control loop.
Connect a ceramic capacitor from COMP to GND.
2
EN
Enable Control Input.
Turn-on threshold at 1.8V. Turn-off threshold at 0.6 V. Do not
let this pin float.
3
DBRT
Brightness Control Input. Apply a PWM signal on this pin for for external PWM dimming
mode. Apply a DC voltage range from 0.2V to 1.2V on this pin to linearly set the internal
dimming duty cycle from 0% to 100% for DC-input PWM dimming mode. The MP3397 has
positive dimming polarity on DBRT.
4
GND
Ground.
5
OSC
Switching Frequency Set. Connect a resistor between OSC and GND to set the step-up
converter switching frequency. The voltage at this pin is regulated to 1.23V. The clock
frequency is proportional to the current sourced from this pin.
6
ISET
LED Current Set. Tie a current-setting resistor from this pin to ground to program the
current in each LED string. This pin voltage is regulated to 1.23V. The LED current is
proportional to the current through the ISET resistor.
7
BOSC
Dimming Repetition Set. This is the timing pin for the oscillator to set the dimming
frequency. To use DC input PWM dimming mode, connect a capacitor from this pin to
GND to set the internal dimming frequency. A saw-tooth waveform is generated on this
pin. To use external PWM dimming mode, connect a resistor from this pin to GND, and
apply the PWM signal on DBRT pin.
8
LED4
LED String 4 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 4 cathode to this pin.
9
LED3
LED String 3 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 3 cathode to this pin.
10
LED2
LED String 2 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 2 cathode to this pin.
11
LED1
LED String 1 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 1 cathode to this pin.
12
OVP
Over-Voltage Protection Input. Connect a resistor divider from output to this pin to
program the OVP threshold. When this pin voltage reaches 1.23V, the MP3397 triggers
Over Voltage Protection mode.
13
ISENSE
Current Sense Input. During normal operation, this pin senses the voltage across the
external-inductor current-sensing resistor (RSENSE) for peak-current–mode control and also
to limit the inductor current during every switching cycle. If this pin is not used for
cascading applications, tie this pin to GND; do not let this pin float.
14
GATE
Step-up Converter Power Switch Gate Output. This pin drives the external power N-MOS
device.
15
VIN
Supply Input. VIN supplies the power to the chip, as well as the step-up converter switch.
Drive VIN with a 5V to 28V power source. Must be locally bypassed.
16
VCC
The Internal 6V Linear Regulator Output. VCC provides power supply for the external
MOSFET switch gate driver and the internal control circuitry. Bypass VCC to GND with a
ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com