Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3397ES Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3397ES
Description  Step-Up, 4-String Max 350mA/String White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3397ES Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3397ES Datasheet HTML 7Page - Monolithic Power Systems MP3397ES Datasheet HTML 8Page - Monolithic Power Systems MP3397ES Datasheet HTML 9Page - Monolithic Power Systems MP3397ES Datasheet HTML 10Page - Monolithic Power Systems MP3397ES Datasheet HTML 11Page - Monolithic Power Systems MP3397ES Datasheet HTML 12Page - Monolithic Power Systems MP3397ES Datasheet HTML 13Page - Monolithic Power Systems MP3397ES Datasheet HTML 14Page - Monolithic Power Systems MP3397ES Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP3397—4-STRING, MAX 350mA/STRING WHITE LED DRIVER
MP3397 Rev. 1.01
www.MonolithicPower.com
11
9/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Switching Frequency
Set the switching frequency of the step-up
converter from 150kHz to 500kHz for most
applications. An oscillator resistor on OSC pin
sets the internal oscillator frequency for the step-
up converter according to the equation:
SW
OSC
62100
f(kHz)
R(k )
For ROSC=330kΩ, the switching frequency is set
to 188kHz.
Setting the LED Current
The LED string currents are identical and set
through the current setting resistor on the ISET
pin.
LED
SET
790 1.23V
I(mA)
(R
+0.4)k
For RSET=7.68kΩ, the LED current is set to
120mA. The ISET pin can not be open.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
the
high-frequency
switching
current
from
passing through to the input. Use ceramic
capacitors with X5R or X7R dielectrics for their
low ESR and small temperature coefficients. For
most applications, use a 4.7μF ceramic capacitor
in parallel with a 220µF electrolytic capacitor.
Selecting the Inductor and Current Sensing
Resistor
The MP3397 requires an inductor to supply a
higher output voltage while being driven by the
input voltage. A larger value inductor results in
less ripple current, resulting in lower peak
inductor current and reducing stress on the
internal N-channel MOSFET. However, larger-
value inductors have a larger physical size,
higher series resistance, and lower saturation
current.
Choose an inductor that does not saturate under
the worst-case load conditions. Select the
minimum inductor value to ensure that the boost
converter works in continuous conduction mode
with high efficiency and good EMI performance.
Calculate the required inductance value using the
equation:
2
OUT
SW
LOAD
η V
D (1 D)
L
2
f
I

 

OUT
IN
V
V
1
D
Where VIN and VOUT are the input and output
voltages, fSW is the switching frequency, ILOAD is
the LED load current, and η is the efficiency.
The switching current is usually used for the peak
current mode control. In order to avoid hitting the
current limit, the voltage across the sensing
resistor RSENSE must measure less than 80% of
the worst-case current-limit voltage, VSENSE.
SENSE
SENSE
L(PEAK)
0.8 V
R
I
OUT
LOAD
IN
OUT
IN
L(PEAK)
IN
SW
OUT
VI
V
(V
-V )
I
ηV
2 L f
V



Where IL(PEAK) is the peak value of the inductor
current. VSENSE is shown in Figure 3.
DUTY CYCLE (%)
Vsense vs. Duty Cycle
0
100
200
300
400
500
0 1020 3040 50 6070 8090100
Figure 3—VSENSE vs Duty Cycle
Selecting the Power MOSFET
The MP3397 is capable of driving a wide variety
of N-channel power MOSFETS. The critical
parameters of selection of a MOSFET are:
1. Maximum drain-to-source voltage, VDS(MAX)
2. Maximum current, ID(MAX)
3. On-resistance, RDS(ON)
4. Gate source charge QGS and gate drain
charge QGD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com