Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3397ES Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3397ES
Description  Step-Up, 4-String Max 350mA/String White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3397ES Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3397ES Datasheet HTML 8Page - Monolithic Power Systems MP3397ES Datasheet HTML 9Page - Monolithic Power Systems MP3397ES Datasheet HTML 10Page - Monolithic Power Systems MP3397ES Datasheet HTML 11Page - Monolithic Power Systems MP3397ES Datasheet HTML 12Page - Monolithic Power Systems MP3397ES Datasheet HTML 13Page - Monolithic Power Systems MP3397ES Datasheet HTML 14Page - Monolithic Power Systems MP3397ES Datasheet HTML 15Page - Monolithic Power Systems MP3397ES Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP3397—4-STRING, MAX 350mA/STRING WHITE LED DRIVER
MP3397 Rev. 1.01
www.MonolithicPower.com
14
9/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
10
R3
0
R9
VIN
GND
EN
DIM
C4
NC
C5 C1
F1
L1
B390
D1
C2
C6
C3
464k
R2
10k
R4
NC
C8
LED
LED1
LED2
LED3
LED4
0
R12
0
R13
0
R15
0
R5
M1
100V/4A
2k
R16
20k
R18
NC
C12
100k
R14
220k
R10
2k
R8
20k
R11
C9
200
R7
470nF
C10
0.05
R6
ISET
6
DBRT
3
OSC
5
EN
2
COMP
1
VCC
16
VIN
15
LED4
8
LED3
9
LED2
10
LED1
11
OVP
12
GND
4
ISENSE
13
GATE
14
BOSC
7
U1
MP3397
NC
C11
2.55k
R17
NC
C13
Figure 7—Drive 14 LEDs in Series, 4 Strings 330mA/string,10% DPWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com