Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3399EY Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3399EY
Description  12-String, Cascading White LED Driver For Extending LED Channels
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3399EY Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3399EY Datasheet HTML 1Page - Monolithic Power Systems MP3399EY Datasheet HTML 2Page - Monolithic Power Systems MP3399EY Datasheet HTML 3Page - Monolithic Power Systems MP3399EY Datasheet HTML 4Page - Monolithic Power Systems MP3399EY Datasheet HTML 5Page - Monolithic Power Systems MP3399EY Datasheet HTML 6Page - Monolithic Power Systems MP3399EY Datasheet HTML 7Page - Monolithic Power Systems MP3399EY Datasheet HTML 8Page - Monolithic Power Systems MP3399EY Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MP3399-12-STRING, CASCADING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3399 Rev. 1.0
www.MonolithicPower.com
2
3/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION
VIN
5V~28V
MP3399
ISENSE
GATE
EN
OSC
NC
BOSC
GND
DBRT
NC
OVP
LED1
LED2
LED3
8
1
10
7
6
9
26
24
28
23
22
21
Enable
DIMMING
L1
D1
CIN
RF1
RSET
RBOSC
ROSC
RSENSE
M2
LED4
LED5
LED6
20
19
18
17
VIN
VCC
COMP
2
3
4
5
ISET
COUT
CCOMP
CVCC
LED12
LED11
LED10
11
12
13
14
LED9
VFAULT
27
PGND
25
LED7
LED8
16
15
M1
MP3399
ISENSE
GATE
EN
OSC
NC
BOSC
GND
DBRT
NC
OVP
LED1
LED2
LED3
8
1
10
7
6
9
26
24
28
23
22
21
RSET
RBOSC
LED4
LED5
LED6
20
19
18
17
VIN
VCC
COMP
2
3
4
5
ISET
CVCC
LED12
LED11
LED10
11
12
13
14
LED9
VFAULT
27
PGND
25
LED7
LED8
16
15
COMP
VCC
VCC
COMP
VFAULT
VOUT
VOUT
ROSC
CFAULT
String1String24
String13
String12
RF2
RF3
RF4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com