Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3399EY Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP3399EY
Description  12-String, Cascading White LED Driver For Extending LED Channels
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3399EY Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP3399EY Datasheet HTML 11Page - Monolithic Power Systems MP3399EY Datasheet HTML 12Page - Monolithic Power Systems MP3399EY Datasheet HTML 13Page - Monolithic Power Systems MP3399EY Datasheet HTML 14Page - Monolithic Power Systems MP3399EY Datasheet HTML 15Page - Monolithic Power Systems MP3399EY Datasheet HTML 16Page - Monolithic Power Systems MP3399EY Datasheet HTML 17Page - Monolithic Power Systems MP3399EY Datasheet HTML 18Page - Monolithic Power Systems MP3399EY Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MP3399-12-STRING, CASCADING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3399 Rev. 1.0
www.MonolithicPower.com
15
3/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
NC
C2
DIMMING
EN
GND
100k
R8
C18
60.4k
R16
0
R11
NC
C10
5.6nF
C17
L1
0.05
R24
0
R36
0
R37
0
R33
0
R34
0
R30
0
R31
0
R27
0
R28
NC
R25
NC
C12
B180
D1
10k
R53
LED11
LED8
LED10
LED7
LED9
LED5
LED2
LED4
LED1
LED3
LED+
C1
C3
340k
R13
0
R15
0
R38
0
R29
0
R32
0
R35
NC
R26
C13
LED12
LED6
VIN
20k
R5
20k
R4
8V-28V
F1
NC
C6
0
R22
10k
R54
C9
10
R20
100pF
C14
14S 12P 20mA
2k
R2
2k
R1
AM4499P
M1
220nF
C4
C16
C15
M2 AM4490N
499k
R51
LED11
12
DBRT
6
NC
1
COMP
4
LED6
17
LED3
20
OVP
23
ISENSE
24
LED10
13
LED9
14
LED12
11
ISET
9
BOSC
10
GND
7
EN
5
OSC
8
VIN
2
VCC
3
LED8
15
LED7
16
LED5
18
LED4
19
LED2
21
LED1
22
PGND
25
NC
28
VFAULT
27
GATE
26
MP3399
U1
NET00016
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
Figure 6—Drive 14 LEDs in Series, 12 Strings 20mA/string



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com