Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3399EY Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3399EY
Description  12-String, Cascading White LED Driver For Extending LED Channels
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3399EY Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3399EY Datasheet HTML 2Page - Monolithic Power Systems MP3399EY Datasheet HTML 3Page - Monolithic Power Systems MP3399EY Datasheet HTML 4Page - Monolithic Power Systems MP3399EY Datasheet HTML 5Page - Monolithic Power Systems MP3399EY Datasheet HTML 6Page - Monolithic Power Systems MP3399EY Datasheet HTML 7Page - Monolithic Power Systems MP3399EY Datasheet HTML 8Page - Monolithic Power Systems MP3399EY Datasheet HTML 9Page - Monolithic Power Systems MP3399EY Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MP3399-12-STRING, CASCADING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3399 Rev. 1.0
www.MonolithicPower.com
6
3/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
NC
No Connect.
2
VIN
Supply Input. VIN supplies the power to the chip, as well as the step-up converter switch.
Drive VIN with a 5V to 28V power source. Must be locally bypassed.
3
VCC
The Internal 6V Linear Regulator Output. VCC provides power supply for the internal
MOSFET switch gate driver and the internal control circuitry. Bypass VCC to GND with a
ceramic capacitor.
4
COMP
Step-up Converter Compensation Pin. This pin is used to compensate the regulation
control loop. Connect a ceramic capacitor from COMP to GND.
5
EN
Enable Control Input. Do not let this pin float. It is recommended TO locally filter WITH a
0.1 μF ceramic capacitor.
6
DBRT
Brightness Control Input. To use external PWM dimming mode, apply a PWM signal on
this pin for brightness control. To use DC input PWM dimming mode, apply a DC voltage
range from 0.2V to 1.2V on this pin linearly to set the internal dimming duty cycle from 0%
to 100%. The MP3399 has positive dimming polarity on DBRT.
7
GND
Analog Ground.
8
OSC
Switching Frequency Set. Connect a resistor between OSC and GND to set the step-up
converter switching frequency. The voltage at this pin is regulated to 1.23V. The clock
frequency is proportional to the current sourced from this pin.
9
ISET
LED Current Set. Tie a current setting resistor from this pin to ground to program the
current in each LED string. The MP3399 regulates the voltage across the current setting
resistor. The regulation voltage is 1.22V. The proportion of the current through the ISET
resistor and the LED current is 1:1000.
10
BOSC
Dimming Repetition Set. This is the timing pin for the oscillator to set the dimming
frequency. To use DC input PWM dimming mode, connect a capacitor from this pin to
GND to set the internal dimming frequency. A saw-tooth waveform is generated on this
pin. To use external PWM dimming mode, connect a resistor from this pin to GND, and
apply the PWM signal on DBRT pin.
11
LED12
LED String 12 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 12 cathode to this pin.
12
LED11
LED String 11 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 11 cathode to this pin.
13
LED10
LED String 10 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 10 cathode to this pin.
14
LED9
LED String 9 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 9 cathode to this pin.
15
LED8
LED String 8 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 8 cathode to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com