Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4012DS Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP4012DS
Description  High-Brightness, High-Current Accuracy WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4012DS Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP4012DS Datasheet HTML 3Page - Monolithic Power Systems MP4012DS Datasheet HTML 4Page - Monolithic Power Systems MP4012DS Datasheet HTML 5Page - Monolithic Power Systems MP4012DS Datasheet HTML 6Page - Monolithic Power Systems MP4012DS Datasheet HTML 7Page - Monolithic Power Systems MP4012DS Datasheet HTML 8Page - Monolithic Power Systems MP4012DS Datasheet HTML 9Page - Monolithic Power Systems MP4012DS Datasheet HTML 10Page - Monolithic Power Systems MP4012DS Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MP4012 ─ HIGH-VOLTAGE, HIGH-CURRENT ACCURACY WLED CONTROLLER
MP4012 Rev. 1.12
www.MonolithicPower.com
7
10/12/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Pin Function
1
VIN
Input Supply Pin. It is the input of internal linear regulator. Must be locally bypassed.
2
VDD
The Internal Linear Regulator Output Pin. VDD provides power supply for the external
MOSFET gate driver and the internal control circuitry. Bypass VDD to GND with a 0.47μF
or larger ceramic capacitor.
3
GATE
External MOSFET Gate Driver Pin.
4
GND
Ground.
5
CS
Switch Current Sense Input Pin. It is used to sense the current of the external power FET.
It has a built-in 100ns (min) blanking time.
6
SL
Slope Compensation Pin for current sense. Connecting a resistor between SL and GND
programs the slope compensation. In case of constant off-time mode of operation, slope
compensation is unnecessary and let this pin open.
7
RT
Switching frequency/off-time set Pin. A resistor connected between this pin and
GND/GATE sets the frequency/off-time.
8
SYNC
Synchronization Pin. Connecting the multiple MP4012 SYNC pins together to achieve the
synchronous working mode.
9
CL
Current Limit Set Pin. This pin sets the external MOSFET current limit. The current limit
can be set by using a resistor divider from the REF pin to GND.
10
REF
Reference Output Pin. A 0.1μF or larger ceramic capacitor should be connected to bypass
this pin to GND.
11
FAULT
Fault Indication Output Pin. This pin is pulled down to GND in case of short circuit
condition or over voltage condition. It is also used to drive the external MOSFET to
disconnect the load from Vin for boost converter.
12
OVP
Over Voltage Protection Input Pin. Connect a resistor divider from output to this pin to
program the OVP threshold. When the voltage of this pin reaches 4.95V, the MP4012
triggers over voltage protection.
13
PWM
PWM Dimming Input Pin. Apply a PWM signal on this pin for brightness control. The
GATE is disabled when PWM signal is low. The GATE is enabled when PWM signal is
high.
14
COMP
Converter Compensation Pin. This pin is used to compensate the regulation control loop.
Connect a capacitor or a series RC network from COMP to GND. COMP pin is also used
for hiccup timer. At IC start up, short protection or over voltage protection, the 5uA current
source charges COMP pint until 5V, and then the 5μA current source discharges COMP
voltage. IC is active when COMP voltage reduces to 1V.
15
ISET
LED Current Set Pin. Connect a resistor divider from REF pin to set the LED current
reference. The analog dimming function can be achieved through adjusting the voltage on
ISET pin.
16
FB
Feedback Input Pin. Connect a current sense resistor from FB to GND. The MP4012
regulates the voltage across the current sense resistor. The regulation voltage is set by
ISET pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com