Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4012DS Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4012DS
Description  High-Brightness, High-Current Accuracy WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4012DS Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4012DS Datasheet HTML 4Page - Monolithic Power Systems MP4012DS Datasheet HTML 5Page - Monolithic Power Systems MP4012DS Datasheet HTML 6Page - Monolithic Power Systems MP4012DS Datasheet HTML 7Page - Monolithic Power Systems MP4012DS Datasheet HTML 8Page - Monolithic Power Systems MP4012DS Datasheet HTML 9Page - Monolithic Power Systems MP4012DS Datasheet HTML 10Page - Monolithic Power Systems MP4012DS Datasheet HTML 11Page - Monolithic Power Systems MP4012DS Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
MP4012 ─ HIGH-VOLTAGE, HIGH-CURRENT ACCURACY WLED CONTROLLER
MP4012 Rev. 1.12
www.MonolithicPower.com
8
10/12/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP4012 drives external MOSFET with
current mode architecture to regulate the LED
current, which is measured through an external
current sense resistor. Figure 1 shows the
functional block diagram.
MP4012 employs a special circuit for regulating
the internal power supply, which covers a wide
input voltage from 8V to 55V. The 7.75V linear
regulator provides all the power for internal
circuits and external MOSFET gate drive energy.
MP4012 has a 2% accurate 1.25V reference,
which is used as the reference for LED current.
The reference is also used to set the current limit
and over voltage threshold.
MP4012 can be programmed as constant
switching frequency (CF) or constant off time (CT)
operation. Connecting a resistor between RT pin
and GND sets the switching frequency for CF
mode. Connecting a resistor between RT pin and
GATE pin sets the off time for CT mode. For
constant switching frequency mode, MP4012
includes a slope compensation section to ensure
the converter stability when duty cycle is greater
than 0.5.
For synchronization, the SYNC pins of multiple
MP4012 can be connected together, and may
also be connected to the open drain output of a
master clock. When connected in this manner,
the oscillators will lock to the device with the
highest operating frequency.
MP4012 has two high-speed current comparators.
One is used during normal operation, which
contains an internal 100ns blanking time to
prevent the current spike from mis-triggering the
comparator. The other is used to limit the
maximum switch current, which is programmable
by connecting a resistor divider from REF pin.
REF
VDD
R
Q
CS
CL
S
+
-
+
-
LEB
SL
Reset
VIN
GATE
FAULT
R
QN
Q
EN
S
+
-
5V
OVP
GND
SYNC
RT
-
+
FB
ISET
COMP
2
+
-
PWM
Linear Regulator
Oscillator
Hiccup Control
BandGap
Thermal
POR
Hiccup Done
Hiccup Done
POR
POR
POR
POR
EN
Hiccup Done
Reset
Hold
Hiccup
PWM blank
100k
Slope
Compensation
POR
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com