Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4012DS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4012DS
Description  High-Brightness, High-Current Accuracy WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4012DS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4012DS Datasheet HTML 6Page - Monolithic Power Systems MP4012DS Datasheet HTML 7Page - Monolithic Power Systems MP4012DS Datasheet HTML 8Page - Monolithic Power Systems MP4012DS Datasheet HTML 9Page - Monolithic Power Systems MP4012DS Datasheet HTML 10Page - Monolithic Power Systems MP4012DS Datasheet HTML 11Page - Monolithic Power Systems MP4012DS Datasheet HTML 12Page - Monolithic Power Systems MP4012DS Datasheet HTML 13Page - Monolithic Power Systems MP4012DS Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MP4012 ─ HIGH-VOLTAGE, HIGH-CURRENT ACCURACY WLED CONTROLLER
MP4012 Rev. 1.12
www.MonolithicPower.com
10
10/12/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The short circuit threshold current is internally set
to 200% of the steady state current. When the
output current becomes higher than the short
circuit threshold after some delay, the short
circuit protection circuit is activated. See Figure
3. This allows the LED drive system auto-restart
in an accident short condition without having to
reset the IC.
The open load protection is achieved through
detecting the OVP pin voltage. When open load
fault occurs, the output voltage rises as the
output capacitor is still charged. The over voltage
protection turns off the MP4012 and takes
FAULT to GND when the OVP pin exceeds
4.95V. The converter turns on when the output
voltage falls below the falling OVP threshold after
a hiccup mode delay timer. MP4012 will repeat
the process until the open load fault is removed.
When recovering from the open load condition,
the output current might have some spike which
caused by the high output voltage, and trigger
the short load protection. But it can enter normal
work mode when output voltage is close to the
normal value. See Figure 4.
Short Load
5V
Output
Current
Fault
COMP
Normal Current
1V
Hiccup Time
Short Load
Recover
Figure 3 — Hiccup Mode Short Load
Protection
5V
Output
Current
Fault
COMP
Normal Current
1V
Open Load
OVP-H
Output
Voltage
OVP-L
Vout-normal
Open Load
Recover
tdelay
thiccup1
thiccup2
Figure 4 — Open Load Protections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com