Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2510-ISO Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP2510-ISO
Description  Stand-Alone CAN Controller with SPIInterface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-ISO Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP2510-ISO Datasheet HTML 34Page - Microchip Technology MCP2510-ISO Datasheet HTML 35Page - Microchip Technology MCP2510-ISO Datasheet HTML 36Page - Microchip Technology MCP2510-ISO Datasheet HTML 37Page - Microchip Technology MCP2510-ISO Datasheet HTML 38Page - Microchip Technology MCP2510-ISO Datasheet HTML 39Page - Microchip Technology MCP2510-ISO Datasheet HTML 40Page - Microchip Technology MCP2510-ISO Datasheet HTML 41Page - Microchip Technology MCP2510-ISO Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
MCP2510
DS21291F-page 38
© 2007 Microchip Technology Inc.
FIGURE 5-3:
SHORTENING A BIT PERIOD
5.8
Programming Time Segments
Some requirements for programming of the time seg-
ments:
• Prop Seg + Phase Seg 1 >= Phase Seg 2
• Prop Seg + Phase Seg 1 >= TDELAY
• Phase Seg 2 > Sync Jump Width
For example, assuming that a 125 kHz CAN baud rate
with FOSC = 20 MHz is desired:
TOSC = 50 nsec, choose BRP<5:0> = 04h, then TQ =
500 nsec. To obtain 125 kHz, the bit time must be 16
TQ.
Typically, the sampling of the bit should take place at
about 60-70% of the bit time, depending on the system
parameters. Also, typically, the TDELAY is 1-2 TQ.
Sync Seg = 1 TQ; Prop Seg = 2 TQ; So setting Phase
Seg 1 = 7 TQ would place the sample at 10 TQ after the
transition. This would leave 6 TQ for Phase Seg 2.
Since Phase Seg 2 is 6, by the rules, SJW could be the
maximum of 4 TQ. However, normally a large SJW is
only necessary when the clock generation of the differ-
ent nodes is inaccurate or unstable, such as using
ceramic resonators. So an SJW of 1 is typically
enough.
5.9
Oscillator Tolerance
The bit timing requirements allow ceramic resonators
to be used in applications with transmission rates of up
to 125 kbit/sec, as a rule of thumb. For the full bus
speed range of the CAN protocol, a quartz oscillator is
required. A maximum node-to-node oscillator variation
of 1.7% is allowed.
Input Signal
Sync
Prop
Segment
Phase
Segment 1
Phase
Segment 2
≤ SJW
Sample
Actual
Nominal
Bit Length
TQ
Point
Bit Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com