Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2510-ISO Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP2510-ISO
Description  Stand-Alone CAN Controller with SPIInterface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-ISO Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP2510-ISO Datasheet HTML 43Page - Microchip Technology MCP2510-ISO Datasheet HTML 44Page - Microchip Technology MCP2510-ISO Datasheet HTML 45Page - Microchip Technology MCP2510-ISO Datasheet HTML 46Page - Microchip Technology MCP2510-ISO Datasheet HTML 47Page - Microchip Technology MCP2510-ISO Datasheet HTML 48Page - Microchip Technology MCP2510-ISO Datasheet HTML 49Page - Microchip Technology MCP2510-ISO Datasheet HTML 50Page - Microchip Technology MCP2510-ISO Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
© 2007 Microchip Technology Inc.
DS21291F-page 47
MCP2510
REGISTER 7-1:
CANINTE - INTERRUPT ENABLE REGISTER (ADDRESS: 2Bh)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
MERRE
WAKIE
ERRIE
TX2IE
TX1IE
TX0IE
RX1IE
RX0IE
bit 7
bit 0
bit 7
MERRE: Message Error Interrupt Enable
1
= Interrupt on error during message reception or transmission
0
=Disabled
bit 6
WAKIE: Wakeup Interrupt Enable
1
= Interrupt on CAN bus activity
0
=Disabled
bit 5
ERRIE: Error Interrupt Enable (multiple sources in EFLG register)
1
= Interrupt on EFLG error condition change
0
=Disabled
bit 4
TX2IE: Transmit Buffer 2 Empty Interrupt Enable
1
= Interrupt on TXB2 becoming empty
0
=Disabled
bit 3
TX1IE: Transmit Buffer 1 Empty Interrupt Enable
1
= Interrupt on TXB1 becoming empty
0
=Disabled
bit 2
TX0IE: Transmit Buffer 0 Empty Interrupt Enable
1
= Interrupt on TXB0 becoming empty
0
=Disabled
bit 1
RX1IE: Receive Buffer 1 Full Interrupt Enable
1
= Interrupt when message received in RXB1
0
=Disabled
bit 0
RX0IE: Receive Buffer 0 Full Interrupt Enable
1
= Interrupt when message received in RXB0
0
=Disabled
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com