Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2510-ISO Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP2510-ISO
Description  Stand-Alone CAN Controller with SPIInterface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-ISO Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP2510-ISO Datasheet HTML 38Page - Microchip Technology MCP2510-ISO Datasheet HTML 39Page - Microchip Technology MCP2510-ISO Datasheet HTML 40Page - Microchip Technology MCP2510-ISO Datasheet HTML 41Page - Microchip Technology MCP2510-ISO Datasheet HTML 42Page - Microchip Technology MCP2510-ISO Datasheet HTML 43Page - Microchip Technology MCP2510-ISO Datasheet HTML 44Page - Microchip Technology MCP2510-ISO Datasheet HTML 45Page - Microchip Technology MCP2510-ISO Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
MCP2510
DS21291F-page 42
© 2007 Microchip Technology Inc.
FIGURE 6-1:
ERROR MODES STATE DIAGRAM
REGISTER 6-1:
TEC - TRANSMITTER ERROR COUNTER (ADDRESS: 1Ch)
REGISTER 6-2:
REC - RECEIVER ERROR COUNTER (ADDRESS: 1Dh)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
TEC7
TEC6
TEC5
TEC4
TEC3
TEC2
TEC1
TEC0
bit 7
bit 0
bit 7-0
TEC<7:0>: Transmit Error Count
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
REC7
REC6
REC5
REC4
REC3
REC2
REC1
REC0
bit 7
bit 0
bit 7-0
REC<7:0>: Receive Error Count
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
Bus-Off
Error-Active
Error-Passive
REC > 127 or
TEC > 127
REC < 127 or
TEC < 127
TEC > 255
RESET
128 occurrences of
11 consecutive
“recessive” bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com