Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10F322T-EMCSQTP Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC10F322T-EMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F322T-EMCSQTP Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC10F322T-EMCSQTP Datasheet HTML 26Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 27Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 28Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 29Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 30Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 31Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 32Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 33Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 30
Preliminary
 2011 Microchip Technology Inc.
4.4
Oscillator Control Registers
4.4.1
OSCILLATOR CONTROL
The Oscillator Control (OSCCON) register (Register 4-2)
displays the oscillator readiness, stability and allows
frequency selection of the internal oscillator (INTOSC)
system clock.
REGISTER 4-2:
OSCCON: OSCILLATOR CONTROL REGISTER
U-0
R/W-1/1
R/W-1/1
R/W-0/0
R-0/0
U-0
R-0/0
R-0/0
—
IRCF<2:0>
HFIOFR
—LFIOFR
HFIOFS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7
Unimplemented:
Read as ‘0’
bit 6-4
IRCF<2:0>:
INTOSC (FOSC) Frequency Select bits
111
= 16 MHz
110
= 8 MHz (default value)
101
= 4 MHz
100
= 2 MHz
011
= 1 MHz
010
= 500 kHz
001
= 250 kHz
000
= 31 kHz (LFINTOSC)
bit 3
HFIOFR:
High-Frequency Internal Oscillator Ready bit
1
= 16 MHz Internal Oscillator (HFINTOSC) is ready
0
= 16 MHz Internal Oscillator (HFINTOSC) is not ready
bit 2
Unimplemented:
Read as ‘0’
bit 1
LFIOFR:
Low-Frequency Internal Oscillator Ready bit
1
= 31 kHz Internal Oscillator (LFINTOSC) is ready
0
= 31 kHz Internal Oscillator (LFINTOSC) is not ready
bit 0
HFIOFS:
High-Frequency Internal Oscillator Stable bit
1
= 16 MHz Internal Oscillator (HFINTOSC) is stable
0
= 16 MHz Internal Oscillator (HFINTOSC) is not stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com