Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10F322T-EMCSQTP Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC10F322T-EMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F322T-EMCSQTP Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC10F322T-EMCSQTP Datasheet HTML 87Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 88Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 89Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 90Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 91Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 92Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 93Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 94Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 91
PIC10(L)F320/322
15.0
ANALOG-TO-DIGITAL
CONVERTER (ADC) MODULE
The Analog-to-Digital Converter (ADC) converts an
analog input signal to an 8-bit binary representation of
that signal. This device uses three analog input
channels, which are multiplexed into a single sample
and hold circuit. The output of the sample and hold is
connected to the input of the converter. The converter
generates an 8-bit binary result via successive
approximation and stores the conversion result into the
ADC result register (ADRES). Figure 15-1 shows the
block diagram of the ADC.
The ADC voltage reference is software selectable to be
either internally generated or externally supplied.
The ADC can generate an interrupt upon completion of
a conversion. This interrupt can be used to wake-up the
device from Sleep.
FIGURE 15-1:
ADC SIMPLIFIED BLOCK DIAGRAM
FVR
VREF- = Vss
Note 1:
When ADON = 0, all multiplexer inputs are disconnected.
2:
See ADCON register (Register 15-1) for detailed analog channel selection per device.
ADON(1)
GO/DONE
VSS
ADC
000
001
010
111
CHS<2:0>(2)
AN0
AN1
AN2
ADRES
8
Temp Indicator
110
VREF+ = VDD
011
100
101
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com