Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10F322T-EMCSQTP Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC10F322T-EMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F322T-EMCSQTP Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC10F322T-EMCSQTP Datasheet HTML 14Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 15Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 16Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 17Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 18Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 19Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 20Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 21Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 18
Preliminary
 2011 Microchip Technology Inc.
Bank 0 (Continued)
20h
PMADRL
PMADR<7:0>
0000 0000
0000 0000
21h
PMADRH
—
—
—
—
—
—
—
PMADR8
---- ---0
---- ---0
22h
PMDATL
PMDAT<7:0>
xxxx xxxx
uuuu uuuu
23h
PMDATH
—
—PMDAT<13:8>
--xx xxxx
--uu uuuu
24h
PMCON1
—
CFGS
LWLO
FREE
WRERR
WREN
WR
RD
1000 0000
1000 q000
25h
PMCON2
Program Memory Control Register 2 (not a physical register)
0000 0000
0000 0000
26h
CLKRCON
—CLKROE
—
—
—
—
—
—
-0-- ----
-0-- ----
27h
NCO1ACCL
NCO1 Accumulator <7:0>
0000 0000
0000 0000
28h
NCO1ACCH
NCO1 Accumulator <15:8>
0000 0000
0000 0000
29h
NCO1ACCU
—
NCO1 Accumulator <19..16>
---- 0000
---- 0000
2Ah
NCO1INCL
NCO1 Increment <7:0>
0000 0001
0000 0001
2Bh
NCO1INCH
NCO1 Increment <15:8>
0000 0000
0000 0000
2Ch
—
Unimplemented
—
—
2Dh
NCO1CON
N1EN
N1OE
N1OUT
N1POL
—
—
—N1PFM
0000 ---0
00x0 ---0
2Eh
NCO1CLK
N1PWS<2:0>
—
—
—N1CKS<1:0>
000- --00
000- --00
2Fh
Reserved
Reserved
xxxx xxxx
uuuu uuuu
30h
WDTCON
—
—WDTPS<4:0>
SWDTEN
--01 0110
--01 0110
31h
CLC1CON
LC1EN
LC1OE
LC1OUT
LC1INTP
LC1INTN
LC1MODE<2:0>
00x0 -000
00x0 -000
32h
CLC1SEL0
—
LC1D2S<2:0>
—
LC1D1S<2:0>
-xxx -xxx
-uuu -uuu
33h
CLC1SEL1
—
LC1D4S<2:0>
—
LC1D3S<2:0>
-xxx -xxx
-uuu -uuu
34h
CLC1POL
LC1POL
—
—
—
LC1G4POL LC1G3POL
LC1G2POL LC1G1POL 0--- xxxx 0--- uuuu
35h
CLC1GLS0
LC1G1D4T LC1G1D4N LC1G1D3T LC1G1D3N LC1G1D2T
LC1G1D2N
LC1G1D1T
LC1G1D1N xxxx xxxx uuuu uuuu
36h
CLC1GLS1
LC1G2D4T LC1G2D4N LC1G2D3T LC1G2D3N LC1G2D2T
LC1G2D2N
LC1G2D1T
LC1G2D1N xxxx xxxx uuuu uuuu
37h
CLC1GLS2
LC1G3D4T LC1G3D4N LC1G3D3T LC1G3D3N LC1G3D2T
LC1G3D2N
LC1G3D1T
LC1G3D1N xxxx xxxx uuuu uuuu
38h
CLC1GLS3
LC1G4D4T LC1G4D4N LC1G4D3T LC1G4D3N LC1G4D2T
LC1G4D2N
LC1G4D1T
LC1G4D1N xxxx xxxx uuuu uuuu
39h
CWG1CON0
G1EN
G1OEB
G1OEA
G1POLB
G1POLA
—
—
G1CS0
0000 0--0
0000 0--0
3Ah
CWG1CON1
G1ASDLB<1:0>
G1ASDLA<1:0>
—
—
G1IS<1:0>
xxxx --xx
uuuu --uu
3Bh
CWG1CON2
G1ASE
G1ARSEN
—
—
—
—
G1ASDCLC1 G1ASDFLT xx-- --xx uu-- --uu
3Ch
CWG1DBR
—
—CWG1DBR<5:0>
--xx xxxx
--uu uuuu
3Dh
CWG1DBF
—
—CWG1DBF<5:0>
--xx xxxx
--uu uuuu
3Eh
VREGCON
—
—
—
—
—
—VREGPM1
Reserved
---- --01
---- --01
3Fh
BORCON
SBOREN
BORFS
—
—
—
—
—
BORRDY
10-- ---q
uu-- ---u
TABLE 2-3:
SPECIAL FUNCTION REGISTER SUMMARY (BANK 0) (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com