Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4560DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4560DN
Description  2A, 2MHz, 55V Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4560DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4560DN Datasheet HTML 1Page - Monolithic Power Systems MP4560DN Datasheet HTML 2Page - Monolithic Power Systems MP4560DN Datasheet HTML 3Page - Monolithic Power Systems MP4560DN Datasheet HTML 4Page - Monolithic Power Systems MP4560DN Datasheet HTML 5Page - Monolithic Power Systems MP4560DN Datasheet HTML 6Page - Monolithic Power Systems MP4560DN Datasheet HTML 7Page - Monolithic Power Systems MP4560DN Datasheet HTML 8Page - Monolithic Power Systems MP4560DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MP4560 – 2A, 2MHz, 55V STEP-DOWN CONVERTER
MP4560 Rev. 1.0
www.MonolithicPower.com
3
11/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2.5V, VCOMP = 1.4V, TA= +25°C, unless otherwise noted.
Specifications over temperature are guaranteed by design and characterization.
Parameter
Symbol Condition
Min
Typ
Max
Units
4.5V < VIN < 55V
0.780 0.800 0.820
Feedback Voltage
VFB
–40°C to +85
°C
0.772
0.829
V
VBST – VSW = 5V
175
250
330
Upper Switch On Resistance
(5)
RDS(ON)
–40°C to +85
°C
160
400
mΩ
Upper Switch Leakage
VEN = 0V, VSW = 0V
1
μA
2.6
3.2
4.5
Current Limit
–40°C to +85
°C
2.2
4.7
A
COMP to Current Sense
Transconductance
GCS
5.7
A/V
Error Amp Voltage Gain
400
V/V
Error Amp Transconductance
ICOMP = ±3µA
120
µA/V
Error Amp Min Source current
VFB = 0.7V
10
µA
Error Amp Min Sink current
VFB = 0.9V
-10
µA
2.7
3.0
3.3
VIN UVLO Threshold
–40°C to +85
°C
2.4
3.6
V
VIN UVLO Hysteresis
0.35
V
Soft-Start Time
(5)
0V < VFB < 0.8V
0.5
ms
RFREQ = 95kΩ
0.8
1
1.2
Oscillator Frequency
–40°C to +85
°C
0.7
1.3
MHz
Minimum Switch On Time
100
ns
Shutdown Supply Current
VEN < 0.3V
12
20
µA
Quiescent Supply Current
No load, VFB = 0.9V
140
µA
Thermal Shutdown
Hysteresis = 20
°C
150
°C
Minimum Off Time
100
ns
Minimum On Time
(5)
100
ns
1.4
1.55
1.7
EN Up Threshold
–40°C to +85
°C
1.3
1.8
V
EN Threshold Hysteresis
320
mV
Note:
5) Derived from bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com