Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4560DN Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4560DN
Description  2A, 2MHz, 55V Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4560DN Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4560DN Datasheet HTML 10Page - Monolithic Power Systems MP4560DN Datasheet HTML 11Page - Monolithic Power Systems MP4560DN Datasheet HTML 12Page - Monolithic Power Systems MP4560DN Datasheet HTML 13Page - Monolithic Power Systems MP4560DN Datasheet HTML 14Page - Monolithic Power Systems MP4560DN Datasheet HTML 15Page - Monolithic Power Systems MP4560DN Datasheet HTML 16Page - Monolithic Power Systems MP4560DN Datasheet HTML 17Page - Monolithic Power Systems MP4560DN Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP4560 – 2A, 2MHz, 55V STEP-DOWN CONVERTER
MP4560 Rev. 1.0
www.MonolithicPower.com
14
11/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
determines the input/output ripple voltage at
higher switching frequency. As a result of that,
high frequency ceramic capacitor is strongly
recommended as input decoupling capacitor and
output filtering capacitor for such high frequency
operation.
Layout becomes more important when the device
switches at higher frequency. It is essential to
place the input decoupling capacitor, catch diode
and the MP4560 (VIN pin, SW pin and PGND) as
close as possible, with traces that are very short
and fairly wide. This can help to greatly reduce
the voltage spike on SW node, and lower the EMI
noise level as well.
Try to run the feedback trace as far from the
inductor and noisy power traces as possible. It is
often a good idea to run the feedback trace on
the side of the PCB opposite of the inductor with
a ground plane separating the two. The
compensation components should be placed
closed to the MP4560. Do not place the
compensation components close to or under high
dv/dt SW node, or inside the high di/dt power
loop. If you have to do so, the proper ground
plane must be in place to isolate those. Switching
loss is expected to be increased at high switching
frequency. To help to improve the thermal
conduction, a grid of thermal vias can be created
right under the exposed pad. It is recommended
that they be small (15mil barrel diameter) so that
the hole is essentially filled up during the plating
process, thus aiding conduction to the other side.
Too large a hole can cause ‘solder wicking’
problems during the reflow soldering process.
The pitch (distance between the centers) of
several such thermal vias in an area is typically
40mil.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator. In below cases, an
external BST diode is recommended from the 5V
to BST pin:
There is a 5V rail available in the system;
VIN is no greater than 5V;
VOUT is between 3.3V and 5V;
This diode is also recommended for high duty
cycle
operation
(when
VOUT/VIN
>
65%)
applications.
The bootstrap diode can be a low cost one such
as IN4148 or BAT54.
MP4560
SW
BST
5V
Figure 2—External Bootstrap Diode
At no load or light load, the converter may
operate in pulse skipping mode in order to
maintain the output voltage in regulation. Thus
there is less time to refresh the BS voltage. In
order to have enough gate voltage under such
operating conditions, the difference of (VIN –VOUT
should be greater than 3V. For example, if the
VOUT is set to 3.3V, the VIN needs to be higher
than 3.3V+3V=6.3V to maintain enough BST
voltage at no load or light load. To meet this
requirement, EN pin can be used to program the
input UVLO voltage to VOUT+3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com