Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4560DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4560DN
Description  2A, 2MHz, 55V Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4560DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4560DN Datasheet HTML 1Page - Monolithic Power Systems MP4560DN Datasheet HTML 2Page - Monolithic Power Systems MP4560DN Datasheet HTML 3Page - Monolithic Power Systems MP4560DN Datasheet HTML 4Page - Monolithic Power Systems MP4560DN Datasheet HTML 5Page - Monolithic Power Systems MP4560DN Datasheet HTML 6Page - Monolithic Power Systems MP4560DN Datasheet HTML 7Page - Monolithic Power Systems MP4560DN Datasheet HTML 8Page - Monolithic Power Systems MP4560DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP4560
2A, 2MHz, 55V
Step-Down Converter
MP4560 Rev. 1.0
www.MonolithicPower.com
1
11/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4560 is a high frequency step-down
switching regulator with integrated internal high-
side high voltage power MOSFET. It provides 2A
output with current mode control for fast loop
response and easy compensation.
The wide 3.8V to 55V input range accommodates
a variety of step-down applications, including
those in automotive input environment. A 12µA
shutdown mode supply current allows use in
battery-powered applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light load condition to
reduce the switching and gate driving losses.
The frequency foldback helps prevent inductor
current runaway during startup and thermal
shutdown
provides
reliable,
fault
tolerant
operation.
By switching at 2MHz, the MP4560 is able to
prevent EMI (Electromagnetic Interference) noise
problems, such as those found in AM radio and
ADSL applications.
The MP4560 is available in small 3mm x 3mm
10-pin QFN and SOIC8 with exposed pad
packages.
FEATURES
• Wide 3.8V to 55V Operating Input Range
• 250mΩ Internal Power MOSFET
• Up to 2MHz Programmable Switching
Frequency
• 140μA Quiescent Current
• Ceramic Capacitor Stable
• Internal Soft-Start
• Up to 95% Efficiency
• Output Adjustable from 0.8V to 52V
• Available in 3x3 10-Pin QFN and SOIC8
with Exposed Pad Packages
APPLICATIONS
• High Voltage Power Conversion
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
All MPS parts are lead-free and adhere to the RoHS directive.For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
C3
680pF
C5
NS
C6
NS
C4
100nF
D1
VOUT
3.3V
VIN
VIN
EN
FREQ
GND
BST
SW
FB
COMP
MP4560
EN
6
10
1,2
5
4
8,9
3
7
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
Efficiency @VOUT=3.3V
fs=500kHz
0
0.5
1
1.5
2
Vin=12V
Vin=55V


Similar Part No. - MP4560DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4561 MPS-MP4561 Datasheet
340Kb / 17P
1.5A, 2MHz, 55V Step-Down Converter
MP4561DQ MPS-MP4561DQ Datasheet
340Kb / 17P
1.5A, 2MHz, 55V Step-Down Converter
MP4566 MPS-MP4566 Datasheet
358Kb / 14P
36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
MP4566DD MPS-MP4566DD Datasheet
358Kb / 14P
36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
MP4568 MPS-MP4568 Datasheet
946Kb / 16P
60V, 100mA Synchronous Step-Down Converter
More results

Similar Description - MP4560DN

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8062 RICHTEK-RT8062 Datasheet
150Kb / 11P
2A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2494 MPS-MP2494 Datasheet
427Kb / 11P
2A, 55V, 100kHz Step-Down Converter
MP4558 MPS-MP4558 Datasheet
1Mb / 20P
1A, 2MHz, 55V Step-Down Converter
MP4561 MPS-MP4561 Datasheet
340Kb / 17P
1.5A, 2MHz, 55V Step-Down Converter
MPQ4560-AEC1 MPS-MPQ4560-AEC1 Datasheet
1Mb / 21P
Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter
MP4559 MPS-MP4559 Datasheet
555Kb / 19P
1.5A, 2MHz, 55V Step-Down Converter
EVQ4560-N-00A MPS-EVQ4560-N-00A Datasheet
711Kb / 7P
2A, 55V, 2MHz Step-Down Converter Evaluation Board
EVQ4560-Q-00A MPS-EVQ4560-Q-00A Datasheet
665Kb / 7P
2A, 55V, 2MHz Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com