Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4561 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4561
Description  1.5A, 2MHz, 55V Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4561 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4561 Datasheet HTML 1Page - Monolithic Power Systems MP4561 Datasheet HTML 2Page - Monolithic Power Systems MP4561 Datasheet HTML 3Page - Monolithic Power Systems MP4561 Datasheet HTML 4Page - Monolithic Power Systems MP4561 Datasheet HTML 5Page - Monolithic Power Systems MP4561 Datasheet HTML 6Page - Monolithic Power Systems MP4561 Datasheet HTML 7Page - Monolithic Power Systems MP4561 Datasheet HTML 8Page - Monolithic Power Systems MP4561 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP4561
1.5A, 2MHz, 55V
Step-Down Converter
MP4561 Rev. 1.0
www.MonolithicPower.com
1
11/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4561 is a high frequency step-down
switching regulator with integrated internal high-
side high voltage power MOSFET. It provides
1.5A output with current mode control for fast loop
response and easy compensation.
The wide 3.8V to 55V input range accommodates
a variety of step-down applications, including
those in automotive input environment. A 12µA
shutdown mode supply current allows use in
battery-powered applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light load condition to
reduce the switching and gate driving losses.
The frequency foldback helps prevent inductor
current runaway during startup and thermal
shutdown
provides
reliable,
fault
tolerant
operation.
By switching at 2MHz, the MP4561 is able to
prevent EMI (Electromagnetic Interference) noise
problems, such as those found in AM radio and
ADSL applications.
The MP4561 is available in small 3mm x 3mm
10-pin QFN with exposed pad package.
FEATURES
• Wide 3.8V to 55V Operating Input Range
• 300mΩ Internal Power MOSFET
• Up to 2MHz Programmable Switching
Frequency
• 140μA Quiescent Current
• Ceramic Capacitor Stable
• External Soft-Start
• Up to 95% Efficiency
• Output Adjustable from 0.8V to 52V
• Available in 3x3mm 10-Pin QFN
APPLICATIONS
• High Voltage Power Conversion
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
C1
10uF
100V
C3
470pF
C6
NS
L1
10uH
C4
100nF
C2
22uF
6.3V
D1
VOUT
3.3V
VIN
VIN
EN
FREQ
GND
BST
SW
FB
COMP
MP4561
EN
6
10
1.2
5
4
9
3
7
C5
10nF
8
SS
C7
NS
0
0.5
1
1.5
IOUT (A)
40
50
60
70
80
90
100
VIN=12V
VIN=55V


Similar Part No. - MP4561

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
2A, 2MHz, 55V Step-Down Converter
MP4560DN MPS-MP4560DN Datasheet
414Kb / 19P
2A, 2MHz, 55V Step-Down Converter
MP4560DQ MPS-MP4560DQ Datasheet
414Kb / 19P
2A, 2MHz, 55V Step-Down Converter
MP4566 MPS-MP4566 Datasheet
358Kb / 14P
36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
MP4566DD MPS-MP4566DD Datasheet
358Kb / 14P
36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
More results

Similar Description - MP4561

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4558 MPS-MP4558 Datasheet
1Mb / 20P
1A, 2MHz, 55V Step-Down Converter
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
2A, 2MHz, 55V Step-Down Converter
MPQ4559 MPS-MPQ4559 Datasheet
1,016Kb / 19P
Industrial Grade, 1.5A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4561 MPS-MPQ4561 Datasheet
1Mb / 20P
1.5A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MPQ4559-AEC1 MPS-MPQ4559-AEC1 Datasheet
911Kb / 19P
Industrial Grade, 1.5A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4561-AEC1 MPS-MPQ4561-AEC1 Datasheet
1,010Kb / 20P
1.5A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MP4559 MPS-MP4559 Datasheet
555Kb / 19P
1.5A, 2MHz, 55V Step-Down Converter
EVQ4559DN-00A MPS-EVQ4559DN-00A Datasheet
258Kb / 6P
1.5A, 55V, 2MHz Step-Down Converter Evaluation Board AEC-Q100 Qualified
EVQ4560-N-00A MPS-EVQ4560-N-00A Datasheet
711Kb / 7P
2A, 55V, 2MHz Step-Down Converter Evaluation Board
EVQ4560-Q-00A MPS-EVQ4560-Q-00A Datasheet
665Kb / 7P
2A, 55V, 2MHz Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com