Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4561 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4561
Description  1.5A, 2MHz, 55V Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4561 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4561 Datasheet HTML 8Page - Monolithic Power Systems MP4561 Datasheet HTML 9Page - Monolithic Power Systems MP4561 Datasheet HTML 10Page - Monolithic Power Systems MP4561 Datasheet HTML 11Page - Monolithic Power Systems MP4561 Datasheet HTML 12Page - Monolithic Power Systems MP4561 Datasheet HTML 13Page - Monolithic Power Systems MP4561 Datasheet HTML 14Page - Monolithic Power Systems MP4561 Datasheet HTML 15Page - Monolithic Power Systems MP4561 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP4561 – 1.5A, 2MHz, 55V STEP-DOWN CONVERTER
MP4561 Rev. 1.0
www.MonolithicPower.com
12
11/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Output Capacitor
The output capacitor (C2) is required to maintain
the DC output voltage. Ceramic, tantalum, or low
ESR electrolytic capacitors are recommended.
Low ESR capacitors are preferred to keep the
output voltage ripple low. The output voltage
ripple can be estimated by:
OUT
OUT
OUT
ESR
SIN
S
VV
1
ΔV1
R
fL
V
8 f
C2
⎛⎞
⎛⎞
=× −
×
+
⎜⎟
⎜⎟
×× ×
⎝⎠ ⎝⎠
Where L is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
In the case of ceramic capacitors, the impedance
at the switching frequency is dominated by the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification, the
output voltage ripple can be estimated by:
OUT
OUT
OUT
2
SIN
VV
ΔV1
8f
L C2
V
⎛⎞
=× −
⎜⎟
×× ×
⎝⎠
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the output
ripple can be approximated to:
OUT
OUT
OUT
ESR
IN
S
VV
ΔV1
R
fL
V
⎛⎞
=× −
×
⎜⎟
×
⎝⎠
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP4561 can be optimized for a wide range of
capacitance and ESR values.
Compensation Components
MP4561 employs current mode control for easy
compensation and fast transient response. The
system stability and transient response are
controlled through the COMP pin. COMP pin is
the output of the internal error amplifier. A series
capacitor-resistor combination sets a pole-zero
combination to control the characteristics of the
control system. The DC gain of the voltage
feedback loop is given by:
FB
VDC
LOAD
CS
VEA
OUT
V
AR
G
A
V
=×
×
×
Where AVEA is the error amplifier voltage gain,
400V/V;
GCS
is
the
current
sense
transconductance, 4.5A/V; RLOAD is the load
resistor value.
The system has two poles of importance. One is
due to the compensation capacitor (C3), the
output resistor of error amplifier. The other is due
to the output capacitor and the load resistor.
These poles are located at:
EA
P1
VEA
G
f
2 π C3 A
=
××
P2
LOAD
1
f
2π C2 R
=
××
Where,
GEA
is
the
error
amplifier
transconductance, 120μA/V.
The system has one zero of importance, due to
the compensation capacitor (C3) and the
compensation resistor (R3). This zero is located
at:
Z1
1
f
2 π C3 R3
=
××
The
system
may
have
another
zero
of
importance, if the output capacitor has a large
capacitance and/or a high ESR value. The zero,
due to the ESR and capacitance of the output
capacitor, is located at:
ESR
ESR
1
f
2π C2 R
=
××
In this case, a third pole set by the compensation
capacitor (C6) and the compensation resistor (R3)
is used to compensate the effect of the ESR zero
on the loop gain. This pole is located at:
P3
1
f
2 π C6 R3
=
××



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com