Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4561 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4561
Description  1.5A, 2MHz, 55V Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4561 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4561 Datasheet HTML 9Page - Monolithic Power Systems MP4561 Datasheet HTML 10Page - Monolithic Power Systems MP4561 Datasheet HTML 11Page - Monolithic Power Systems MP4561 Datasheet HTML 12Page - Monolithic Power Systems MP4561 Datasheet HTML 13Page - Monolithic Power Systems MP4561 Datasheet HTML 14Page - Monolithic Power Systems MP4561 Datasheet HTML 15Page - Monolithic Power Systems MP4561 Datasheet HTML 16Page - Monolithic Power Systems MP4561 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP4561 – 1.5A, 2MHz, 55V STEP-DOWN CONVERTER
MP4561 Rev. 1.0
www.MonolithicPower.com
13
11/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The goal of compensation design is to shape the
converter transfer function to get a desired loop
gain. The system crossover frequency where the
feedback loop has the unity gain is important.
Lower crossover frequencies result in slower line
and load transient responses, while higher
crossover frequencies could cause system
unstable. A good rule of thumb is to set the
crossover frequency to approximately one-tenth
of the switching frequency. To optimize the
compensation components for conditions, the
following procedure can be used.
Table 3—Compensation Values for Typical
Output Voltage/Capacitor Combinations
VOUT
(V)
L (µH)
C2
(µF)
R3
(kΩ)
C3
(pF)
C7
(pF)
1.8
4.7
47
62
1000
47
2.5
4.7 - 6.8
22
36
680
None
3.3
6.8 -10
22
51
470
None
5
15 - 22
33
82
680
None
12
10
33
40.2
330
2
1. Choose the compensation resistor (R3) to set
the desired crossover frequency. Determine the
R3 value by the following equation:
COUT
EA
CS
FB
2 π C2 f
V
R3
GG
V
××
=×
×
Where fC is the desired crossover frequency.
2. Choose the compensation capacitor (C3) to
achieve
the
desired
phase
margin.
For
applications with typical inductor values, setting
the compensation zero, fZ1, below one forth of the
crossover frequency provides sufficient phase
margin. Determine the C3 value by the following
equation:
C
4
C3
2 π R3 f
>
××
3. Determine if the second compensation
capacitor (C6) is required. It is required if the
ESR zero of the output capacitor is located at
less than half of the switching frequency, or the
following relationship is valid:
S
ESR
f
1
2π C2 R
2
<
××
If this is the case, then add the second
compensation capacitor (C6) to set the pole fP3 at
the location of the ESR zero. Determine the C6
value by the equation:
ESR
C2 R
C6
R3
×
=
High Frequency Operation
The switching frequency of MP4561 can be
programmed up to 2MHz by an external resistor.
The minimum on time of MP4561 is about 100ns
(typ). Pulse skipping operation can be seen more
easily at higher switching frequency due to the
minimum on time.
Since the internal bootstrap circuitry has higher
impedance, which may not be adequate to
charge the bootstrap capacitor during each
(1-D)×Ts charging period, an external bootstrap
charging diode is strongly recommended if the
switching frequency is about 2MHz (see External
Bootstrap
Diode
section
for
detailed
implementation information).
With higher switching frequencies, the inductive
reactance (XL) of capacitor comes to dominate,
so that the ESL of input/output capacitor
determines the input/output ripple voltage at
higher switching frequency. As a result of that,
high frequency ceramic capacitor is strongly
recommended as input decoupling capacitor and
output filtering capacitor for such high frequency
operation.
Layout becomes more important when the device
switches at higher frequency. It is essential to
place the input decoupling capacitor, catch diode
and the MP4561 (VIN pin, SW pin and PGND) as
close as possible, with traces that are very short
and fairly wide. This can help to greatly reduce
the voltage spike on SW node, and lower the EMI
noise level as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com