Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4566 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4566
Description  36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4566 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4566 Datasheet HTML 2Page - Monolithic Power Systems MP4566 Datasheet HTML 3Page - Monolithic Power Systems MP4566 Datasheet HTML 4Page - Monolithic Power Systems MP4566 Datasheet HTML 5Page - Monolithic Power Systems MP4566 Datasheet HTML 6Page - Monolithic Power Systems MP4566 Datasheet HTML 7Page - Monolithic Power Systems MP4566 Datasheet HTML 8Page - Monolithic Power Systems MP4566 Datasheet HTML 9Page - Monolithic Power Systems MP4566 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP4566―36V, 1MHz, 0.6A, STEP-DOWN CONVERTER WITH 35μA QUIESCENT CURRENT
MP4566 Rev. 1.01
ww.MonolithicPower.com
6
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=12V, VOUT=3.3V, L=3.3μH, COUT=22μF, unless otherwise noted.
Output Ripple Voltage
IOUT = 0A
VOUT/AC
20mV/div.
IL
1A/div.
Output Ripple Voltage
IOUT = 0.5A
VIN Power Up without Load
VIN Shut Down without Load
VIN Power Up with 0.5A
Resistor Load
VIN Shut Down with 0.5A
Resisor Load
EN Start Up without Load
EN Shut Down without Load
VOUT
2V/div.
VIN
5V/div.
VSW
10V/div.
IL
1A/div.
VOUT
2V/div.
VIN
5V/div.
VSW
5V/div.
IL
1A/div.
VOUT
2V/div.
VIN
5V/div.
VSW
5V/div.
IL
1A/div.
VOUT
2V/div.
VIN
5V/div.
VSW
5V/div.
IL
0.5A/div.
VOUT
2V/div.
VIN
5V/div.
VSW
5V/div.
VSW
10V/div.
VOUT/AC
10mV/div.
IL
0.5A/div.
VSW
10V/div.
IL
0.5A/div.
VOUT
2V/div.
VIN
5V/div.
VSW
10V/div.
IL
0.5A/div.
VOUT
2V/div.
VIN
5V/div.
VSW
10V/div.
IL
0.5A/div.
EN Start Up with 0.5A
Resistor Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com