Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4566 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4566
Description  36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4566 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4566 Datasheet HTML 6Page - Monolithic Power Systems MP4566 Datasheet HTML 7Page - Monolithic Power Systems MP4566 Datasheet HTML 8Page - Monolithic Power Systems MP4566 Datasheet HTML 9Page - Monolithic Power Systems MP4566 Datasheet HTML 10Page - Monolithic Power Systems MP4566 Datasheet HTML 11Page - Monolithic Power Systems MP4566 Datasheet HTML 12Page - Monolithic Power Systems MP4566 Datasheet HTML 13Page - Monolithic Power Systems MP4566 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP4566―36V, 1MHz, 0.6A, STEP-DOWN CONVERTER WITH 35μA QUIESCENT CURRENT
MP4566 Rev. 1.01
ww.MonolithicPower.com
11
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider from output voltage
to FB pin is used to set the output voltage. The
feedback resistor R1 also sets the feedback loop
bandwidth
with
the
internal
compensation
capacitor. Choose R1 to be around 150~200kΩ.
R2 is then given by:
out
R1
R2
V
1
1.0
=
−
Table 1 lists the recommended T-type resistors
value for common output voltages.
Table 1—Resistor Selection for Common
Output Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.8
150(1%)
187(1%)
2.5
150(1%)
100(1%)
3.3
187(1%)
80.6(1%)
Selecting the Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor will result in less ripple current that will
result in lower output ripple voltage with the same
output capacitors. However, the larger value
inductor will have a larger physical size, higher
series resistance, and/or lower saturation current
as well as the slow load transient dynamic. A
good rule for determining the inductance to use is
to allow the peak-to-peak ripple current in the
inductor to be approximately 30% of the
maximum switch current limit. The inductance
value can be calculated by:
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f
×−
=
×Δ ×
Where VIN is the input voltage, fosc is the
switching frequency and ΔIL is the inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
where ILOAD is the load current.
Selecting the Output Rectifier Diode
The output rectifier diode supplies the current to
the inductor when the high-side switch is off. To
reduce losses due to the diode forward voltage
and recovery times, use a Schottky diode.
Choose a diode whose maximum reverse voltage
rating is greater than the maximum input voltage,
and whose current rating is greater than the
maximum load current. Table 2 lists example
Schottky diodes and manufacturers.
Table 2—Output Schottky Diodes
Manufacturer
Part Number
Voltage
Rating
(V)
Current
Rating
(A)
Package
Diodes Inc.
B240-13-F
40V
2A
SMA
Diodes Inc.
B340-13-F
40V
3A
SMA
Central semi
CMSH2-40M
40V
2A
SMA
Central semi
CMSH3-40MA
40V
3A
SMA
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required to
supply the AC current to the step-down converter
while maintaining the DC input voltage. Use low
ESR capacitors for the best performance.
Ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR and small temperature coefficients. For
most applications, a 10µF capacitor is sufficient.
For higher output voltage, 22uF may be needed
for more stable system.
Since the input capacitor absorbs the input
switching current it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated by:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
×
=
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worse case condition occurs at VIN =
2VOUT, where:
2
I
I
LOAD
1
C =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com