Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4566 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4566
Description  36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4566 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4566 Datasheet HTML 6Page - Monolithic Power Systems MP4566 Datasheet HTML 7Page - Monolithic Power Systems MP4566 Datasheet HTML 8Page - Monolithic Power Systems MP4566 Datasheet HTML 9Page - Monolithic Power Systems MP4566 Datasheet HTML 10Page - Monolithic Power Systems MP4566 Datasheet HTML 11Page - Monolithic Power Systems MP4566 Datasheet HTML 12Page - Monolithic Power Systems MP4566 Datasheet HTML 13Page - Monolithic Power Systems MP4566 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP4566―36V, 1MHz, 0.6A, STEP-DOWN CONVERTER WITH 35μA QUIESCENT CURRENT
MP4566 Rev. 1.01
ww.MonolithicPower.com
13
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
1) Keep the path of switching current short
and minimize the loop area formed by
Input capacitor, high-side MOSFET and
external switching diode.
2) Bypass ceramic capacitors are suggested
to be put close to the VIN pin.
3) Ensure all feedback connections are short
and direct. Place the feedback resistors
as close to the chip as possible.
4) Route SW away from sensitive analog
areas such as FB.
5) Connect IN, SW and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance
and long-term reliability.
10MQ100N
Figure 3—MP4566 Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com