Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4651ES Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4651ES
Description  Off Line LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4651ES Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4651ES Datasheet HTML 1Page - Monolithic Power Systems MP4651ES Datasheet HTML 2Page - Monolithic Power Systems MP4651ES Datasheet HTML 3Page - Monolithic Power Systems MP4651ES Datasheet HTML 4Page - Monolithic Power Systems MP4651ES Datasheet HTML 5Page - Monolithic Power Systems MP4651ES Datasheet HTML 6Page - Monolithic Power Systems MP4651ES Datasheet HTML 7Page - Monolithic Power Systems MP4651ES Datasheet HTML 8Page - Monolithic Power Systems MP4651ES Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP4651—OFF LINE LED DRIVER
MP4651 Rev.1.0
www.MonolithicPower.com
5
1/13/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Fault Timer (FT)
Threshold
Vth(FT)
2.2
2.4
2.6
V
Source Current
ISOURCE(FT)
8
µA
Comp
Clamp Voltage
VCOMP
0.60
V
Reference Current
ICOMP+
20
µA
Pull Down Current at Fault
Condition
ICOMP-FAULT
Fault Mode is triggered
30
µA
Burst Frequency Synchronization (SYNC)
High logic level
VSYNC-H
1.4
V
Low logic level
VSYNC-L
0.7
V
Pulse width
tsync
6
10
20
µs
Synchronizing Frequency
fSYNC
DC input burst dimming,
Compared to the
frequency fBFS set by
BFS pin R and C
110%
120%
Fault Detection Threshold (SSD, FB)
SSD Threshold
VSSD
2.22
2.36
2.55
V
SSD Detection Delay Time
TD SSD
7
µs
FB threshold
VFB th
1.1
1.2
1.3
V
FB Detection Delay Time
TDFB
7
µs
Output Gate Driver (VCC)
Voltage
VVCC
No load
8.7
9.7
10.5
V
Current
IVCC
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com