Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4651ES Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4651ES
Description  Off Line LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4651ES Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4651ES Datasheet HTML 4Page - Monolithic Power Systems MP4651ES Datasheet HTML 5Page - Monolithic Power Systems MP4651ES Datasheet HTML 6Page - Monolithic Power Systems MP4651ES Datasheet HTML 7Page - Monolithic Power Systems MP4651ES Datasheet HTML 8Page - Monolithic Power Systems MP4651ES Datasheet HTML 9Page - Monolithic Power Systems MP4651ES Datasheet HTML 10Page - Monolithic Power Systems MP4651ES Datasheet HTML 11Page - Monolithic Power Systems MP4651ES Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP4651—OFF LINE LED DRIVER
MP4651 Rev.1.0
www.MonolithicPower.com
8
1/13/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
DESIGN INFORMATION
Steady State and Enable Control
The MP4651 is a fixed operating frequency off-
line LED driver, specifically designed for the high
power isolated applications. Powered by 9V to
30V input supplies, the MP4651 outputs two 180
degree phase shifted driving signals for the
external power stages. Its enhanced 9V gate
driver provides adequate driving capability to the
external MOSFETs and directly drives the
external gate driving transformer.
The MP4651 utilizes Pulse Width Modulation
control to the system. The operating frequency is
set by an external resistor connected from FSET
pin to GND. The LED current is fed back to FB
pin and compared with internal 0.6V reference
voltage.
Together
with
the
integrator
compensation network on COMP pin, which is
connected to the output of the error amplifier, the
output LED current is accurately regulated. The
voltage on COMP pin is compared with the
internal oscillator and generates duty cycle
modulated signals to control the external power
switches.
The system power is controlled by EN pin. When
the chip is enabled, the built-in regulator for VCC is
powered up and the internal circuit starts.
Brightness Control
MP4651 implements burst dimming (digital
brightness) of the LED. The MP4651 has a built-
in burst oscillator which can generate a triangle
waveform on the BFS pin. Burst dimming can be
achieved by either a DC voltage input or external
PWM signal.
When burst dimming with a DC input voltage,
add a capacitor in parallel with a resistor on BFS
pin to set the burst frequency and apply the DC
voltage on the PWMIN pin to program the burst
duty cycle.
The burst frequency can be synchronized to an
external frequency. Applying a synchronizing
frequency signal with narrow pulse on SYNC pin
can synchronize the burst frequency. The
synchronizing frequency should be higher than
the burst frequency set by the BFS pin. Please
refer to SYNC pin description for details.
When burst dimming with external PWM signal,
pull up BFS pin to VCC through a 20kΩ resistor
and apply the PWM signal on PWMIN pin.
Fast and High Contrast Ratio PWM Dimming
The MP4651 implements fast and high contrast
ratio PWM dimming to the WLED. The PWM
dimming signal (controlled by a DC input voltage
or direct PWM signal) is outputted on PWMOUT
pin to drive the external MOSFET in series with
the LEDs, therefore the LED current rises up
immediately when PWM dimming signal is
effective.
The PWM dimming signal is also used to
disconnect the compensation network (on comp
pin, a capacitor or a R-C network) from the error
amplifier at PWM off interval, and so that the
compensation network voltage is hold at this
interval and gets nearly immediately to the
steady state value when PWM signal is effective.
It eliminates the control loop response time and
realizes fast dimming.
The MP4651 strictly controls the sequence of the
driving signals. Both the sequence of GL and GR
signals and the delay time between PWM
dimming signal and driving signals are accurately
fixed. Therefore, for each time of PWM dimming,
the driving signals are exactly the same and so
does the output power delivered to the load. It
eliminates the possibility of flicker at small PWM
dimming pulse and thus realizes the high
contrast ratio PWM dimming.
PWMOUT
ILED
PWMIN
COMP
Figure 2—Fast and High Contrast Ratio PWM
Dimming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com