Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4651ES Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4651ES
Description  Off Line LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4651ES Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4651ES Datasheet HTML 2Page - Monolithic Power Systems MP4651ES Datasheet HTML 3Page - Monolithic Power Systems MP4651ES Datasheet HTML 4Page - Monolithic Power Systems MP4651ES Datasheet HTML 5Page - Monolithic Power Systems MP4651ES Datasheet HTML 6Page - Monolithic Power Systems MP4651ES Datasheet HTML 7Page - Monolithic Power Systems MP4651ES Datasheet HTML 8Page - Monolithic Power Systems MP4651ES Datasheet HTML 9Page - Monolithic Power Systems MP4651ES Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP4651—OFF LINE LED DRIVER
MP4651 Rev.1.0
www.MonolithicPower.com
6
1/13/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
OVP
Over Voltage Protection. The output voltage is sensed by this pin through a voltage divider
from the anode of the LED to ground. If the voltage at OVP exceeds 2.38V for 7us, the Fault
Mode is triggered.
2
SYNC
Synchronization for the burst dimming frequency. Applying a synchronizing signal with a
narrow pulse on this pin will synchronize the burst frequency on BFS pin. The frequency of
the synchronizing signal should be higher than the frequency set by BFS pin.
3
SSD
Short String Detection. A comparator is integrated in this pin for short string protection. If the
voltage on this pin gets lower than 2.36V for 7us, the Fault Mode is triggered.
4
FB
LED Current Feedback Input. Connect this pin to the cathode of the LED and shunt a sense
resistor to ground. The internal error amplifier sinks a current from the COMP pin proportional
to the absolute value of the voltage at this pin. The average voltage at this pin is regulated to
0.6V reference voltage.
The voltage on this pin is also used for short string detection. When the voltage on this pin
gets higher than 1.2V for 7us, the IC recognizes this as short string condition and triggers the
Fault Mode.
5
COMP
Feedback Compensation Node. Connect a compensation capacitor or a R-C network from
this pin to GND.
6
FT
Fault Timer. Connect a timing capacitor from this pin to GND to set the fault timer to recover
the system. When the voltage on this pin gets higher than the 2.38V threshold, the IC
recovers.
7
PWMOUT
This pin outputs the PWM dimming signal to LED for fast dimming. At Fault Mode, the
PWMOUT is pulled down.
8
FSET
Frequency Set. Connect a resistor from this pin to GND. This resistor sets the operating
frequency of the MP4651. A 25kOhm resistor sets the operating frequency at typical 50kHz.
9
BFS
Burst Frequency Set. Connect a resistor in parallel with a capacitor from BFS to GND. The
resistor and capacitor programs the burst dimming frequency. If the burst dimming is to be
controlled by an external PWM signal, pull up BFS to VCC through a 20kΩ resistor and apply
the PWM signal to the PWMIN pin.
10
PWMIN
Burst-Mode (Digital) Brightness Control Input. For DC input burst dimming, the voltage range
from 0 V to 1.2V at PWMIN linearly sets the burst-mode duty cycle from 0 to 100%. For
external PWM input dimming, directly apply the logic signal on this pin. The MP4651 has
positive dimming polarity.
11
EN
Enable Input. Pull EN high to turn on the chip, and pull EN low to turn it off.
12
VIN
Supply voltage input.
13
VCC
Linear Regulator Output and Bias Supply of the Gate Driver. It provides the supply for the
gate driver and also the external control circuit, the typical value is 9.7V. Bypass VCC with a
1µF or larger ceramic capacitor.
14
GL
Driving signal output, 180 degree phase shifted of GR
15
GND
Ground.
16
GR
Driving signal output, 180 degree phase shifted of GL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com