Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4652 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4652
Description  HIGH PERFORMANCE OFF-LINE TV LED DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4652 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4652 Datasheet HTML 1Page - Monolithic Power Systems MP4652 Datasheet HTML 2Page - Monolithic Power Systems MP4652 Datasheet HTML 3Page - Monolithic Power Systems MP4652 Datasheet HTML 4Page - Monolithic Power Systems MP4652 Datasheet HTML 5Page - Monolithic Power Systems MP4652 Datasheet HTML 6Page - Monolithic Power Systems MP4652 Datasheet HTML 7Page - Monolithic Power Systems MP4652 Datasheet HTML 8Page - Monolithic Power Systems MP4652 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MP4652—HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4652 Rev.1.01
www.MonolithicPower.com
4
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Gate Driver GL, GR
Gate Pull-Down Resistance
RGD
2
Ω
Gate Pull-Up Resistance
RGU
4
Ω
Output Source Current
ISOURCE
1
A
Output Sink Current
ISINK
2
A
Maximum Duty Cycle
DMAX
46%
En
EN Turn On Threshold
VEN-ON
2
V
EN Turn Off Threshold
VEN-OFF
1
V
Internal Pull-Down Resistor
REN-IN
60
kΩ
Brightness Dimming Control Range (PWMIN)
PWM Full Scale
VPWM
DC input PWM dimming
1.1
1.2
1.3
V
PWM Logic Input Threshold
VTH-PWM
PWM dimming
1.6
1.9
2.2
V
PWM Logic Input Hysteresis
VTH-PWM-Hyst
PWM dimming
0.1
V
Burst Frequency Set (BFS)
Source Current
ISRC(BFS)
VBFS = 2V
120
140
170
µA
Lower Threshold
VV(BFS)
2.2
2.4
2.6
V
Upper Threshold
VP(BFS)
3.3
3.55
3.8
V
Supply Current
Supply Current (Enabled)
IIN-EN
No driver output
1.5
2.5
mA
Supply Current (Disabled)
IIN-OFF
VIN = 30V
1
µA
Operating Frequency
fO
25kΩ FSET to GND
46.5
50
53.5
kHz
Frequency Set Voltage
VFSET
1.14
1.2
1.25
V
Output PWM Dimming Signal For LED (PWMOUT)
Logic High Voltage
VH-PWMOUT
Normal Operation
5
6
6.5
V
Logic Low Voltage
VL-PWMOUT
At Fault Condition,
25kΩ FSET to GND
0.1
0.6
V
Output PWM Source Current
ISOURCE_PWMOUT 100pF on PWMOUT pin
3
mA
Output PWM Sink Current
ISINK_PWMOUT
100pF on PWMOUT pin
20
mA
Led Current Feedback (FB)
Magnitude
|VFB|
0.57
0.6
0.63
V
Input Resistance
RFB_IN
30
kΩ
Over Voltage Protection (OVP)
Over Voltage Protection
Threshold
VTH(OVP)
2.22
2.38
2.55
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com