Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4652 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4652
Description  HIGH PERFORMANCE OFF-LINE TV LED DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4652 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4652 Datasheet HTML 10Page - Monolithic Power Systems MP4652 Datasheet HTML 11Page - Monolithic Power Systems MP4652 Datasheet HTML 12Page - Monolithic Power Systems MP4652 Datasheet HTML 13Page - Monolithic Power Systems MP4652 Datasheet HTML 14Page - Monolithic Power Systems MP4652 Datasheet HTML 15Page - Monolithic Power Systems MP4652 Datasheet HTML 16Page - Monolithic Power Systems MP4652 Datasheet HTML 17Page - Monolithic Power Systems MP4652 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP4652—HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4652 Rev. 1.01
www.MonolithicPower.com
14
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EXAMPLE APPLICATION
TV LED Backlight
This application example introduces a high
performance 2-stage LLC TV LED driver that is
designed to power the LED backlights for a 40-
inch TV. The total system power structure is
shown in Figure 6. It uses a 2-stage structure
with high efficiency and low cost. The PFC stage
outputs around 390V and is controlled by the
MPS PFC controller MP44010, which works in
BCM (Boundary Conduction Mode). The MP4652
acts as the LED driver stage: it controls a LLC
power stage to drive the LED strings. Another
flyback DC/DC stage outputs the 13V power
supply for the system: it uses the MPS quasi-
resonant flyback controller HFC0100.
PFC stage
MP44010
AC
input
LED Driver stage
MP4652 LLC
.
.
.
LED strings
Flyback DC/DC
HFC0100
13V/3A
PFC_390V
.
.
.
Figure 6—System Power Structure
The following introduces the detailed circuit of the
LED driver stage based on MP4652. The
specifications for this LED driver are listed below.
Specification:
Input: typically 390V, PFC Output.
Output: 4 strings at 55V/260mA per string,
connecting 2 strings in series. It could also output
2 strings at 110V/260mA per string.
Operating frequency: ~110kHz
PWM dimming frequency: 320Hz
Protection: Open LED protection, short LED
string protection, short LED+ to GND protection
Schematics:
Figure 7 shows the schematic of the LED driver
stage. The parameters of the power transformer
T2 are as follow:
NP: NS = 65:35, Leakage inductance = 450μH,
magnetic inductance = 1.6mH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com