Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4652 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4652
Description  HIGH PERFORMANCE OFF-LINE TV LED DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4652 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4652 Datasheet HTML 1Page - Monolithic Power Systems MP4652 Datasheet HTML 2Page - Monolithic Power Systems MP4652 Datasheet HTML 3Page - Monolithic Power Systems MP4652 Datasheet HTML 4Page - Monolithic Power Systems MP4652 Datasheet HTML 5Page - Monolithic Power Systems MP4652 Datasheet HTML 6Page - Monolithic Power Systems MP4652 Datasheet HTML 7Page - Monolithic Power Systems MP4652 Datasheet HTML 8Page - Monolithic Power Systems MP4652 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP4652
HIGH PERFORMANCE
OFF-LINE TV LED DRIVER
MP4652 Rev.1.01
www.MonolithicPower.com
1
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4652 is a high-performance, off-line
LED driver designed to power LEDs for high-
power isolated applications, such as LCD TV
backlighting. It is available in a 16-pin SOIC
package.
The MP4652 can operate at a fixed operating
frequency or a variable frequency controlled
externally. It outputs two 180-degree phase-
shifted driver signals for various external power
stages, like LLC, half bridge and flyback. Its
enhanced 9V gate driver can sufficiently drive
the external MOSFETs and directly drives the
external gate drive transformer.
The MP4652 implements fast and continuous
PWM dimming for LEDs. It outputs a driver
signal to directly dim the LED current through a
dimming MOSFET and achieves fast PWM
dimming. It provides continuous gate driver
signals to the power stage to the whole PWM
dimming cycle that eliminates the audible noise:
the MP4652 can achieve 1000:1 PWM dimming
ratio without any audible noise issue. The PWM
dimming is controlled by either a DC input
voltage or a direct PWM signal. The DC input
PWM dimming frequency can be synchronized
by an external signal.
The built-in fault management features include
open LED protection, short LED protection,
protection against shorts along any point of the
LED string to ground, and over temperature
protection. The protection interface is flexible and
is easy to use. At fault protection, system can be
set up with auto-recovery or latch up.
FEATURES
• LLC, Half Bridge or Flyback Controller
• Fast and Continuous PWM Dimming with
Audible Noise Elimination
• 1000:1 PWM Dimming Ratio
• Input Voltage Range from 9V to 30V
• 9V Enhanced Gate Driver
• Fixed or Externally Programmable
Operating Frequency
• DC or PWM Input Dimming Control
• DC Input PWM Dimming Frequency
Synchronization
• Smart Fault Protection Interface
• Open and Short LED String Protection
• Protection Against Shorts Along the LED
String to Ground
• Built-In Fault Management
• System Auto Recovery or Latch Up at Fault
Protection
• Available in SOIC 16 Package
• Pin-to-Pin with MP4651
APPLICATIONS
• Flat-Panel Video Displays
• Street Lighting
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
The MP4652 is covered by US Patents 6,683,422, 6,316,881, and
6,114,814. Other Patents Pending.


Similar Part No. - MP4652

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
Off Line LED Driver
MP4651ES MPS-MP4651ES Datasheet
277Kb / 12P
Off Line LED Driver
MP4653 MPS-MP4653 Datasheet
656Kb / 25P
Real LIPS CC/CV Mode LLC TV LED Driver
MP4653GY MPS-MP4653GY Datasheet
656Kb / 25P
Real LIPS CC/CV Mode LLC TV LED Driver
MP4655 MPS-MP4655 Datasheet
769Kb / 31P
Pure, Single-Stage, LLC, LED Current and System Voltage Controller
More results

Similar Description - MP4652

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
MXHV9910 CLARE-MXHV9910 Datasheet
604Kb / 11P
Off-Line, High Brightness LED Driver
logo
STMicroelectronics
HVLED805 STMICROELECTRONICS-HVLED805 Datasheet
456Kb / 29P
Off-line LED driver with primary-sensing
14-Oct-2010
logo
IXYS Corporation
CPC9909 IXYS-CPC9909 Datasheet
1Mb / 12P
High Effciency,Off-line, High Brightness LED Driver
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
Off Line LED Driver
logo
Sanken electric
LC5202D SANKEN-LC5202D Datasheet
297Kb / 16P
Off-Line LED Driver ICs
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
Off-Line DC / DC LED Driver ICs
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
Off-Line DC / DC LED Driver ICs
logo
Supertex, Inc
HV9921DB1 SUTEX-HV9921DB1 Datasheet
343Kb / 2P
Universal Off-line LED Driver Demoboard
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
Off-Line, High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com