Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6002DN Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6002DN
Description  Monolithic Flyback/Forward DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6002DN Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6002DN Datasheet HTML 5Page - Monolithic Power Systems MP6002DN Datasheet HTML 6Page - Monolithic Power Systems MP6002DN Datasheet HTML 7Page - Monolithic Power Systems MP6002DN Datasheet HTML 8Page - Monolithic Power Systems MP6002DN Datasheet HTML 9Page - Monolithic Power Systems MP6002DN Datasheet HTML 10Page - Monolithic Power Systems MP6002DN Datasheet HTML 11Page - Monolithic Power Systems MP6002DN Datasheet HTML 12Page - Monolithic Power Systems MP6002DN Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MP6002 – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER
MP6002 Rev. 1.0
www.MonolithicPower.com
9
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Limiting the duty cycle at high line voltage
protects against magnetic saturation and
minimizes
the
output
sensitivity
to
line
transients.
Auto-Restart
When VCC is biased from an auxiliary winding
and an open loop condition occurs, the voltage
at the VCC pin increases to 6.5V. When VCC
crosses the threshold voltage, the auto-restart
circuit turns off the power switch and puts the
controller in standby mode. When VCC drops to
4.5V, the startup switch turns on to charge VCC
up again. When VCC crosses 6.0V, the switch
turns off and the standby current discharges
VCC back to 4.5V. After repeating the ramp
cycles between the two threshold voltages 15
times, the auto-restart circuit is disabled and the
controller begins soft-start.
Over Current Protection
The MP6002 has cycle-by-cycle over current
limit when the internal switch current peak value
exceeds the set current limit threshold.
Meanwhile, the output voltage starts to drop
until FB is below the Under-Voltage (UV)
threshold, typically 33% below the FB reference.
Once a UV is triggered, the MP6002 enters
hiccup mode to periodically restart the part (the
MP6002 turns off the switch until Vcc repeats
the ramp cycles between 4.5V to 6V for 15
times). This protection mode is especially useful
when the output is dead-short to ground. The
average short circuit input current is greatly
reduced to alleviate the thermal issue and
protect the regulator. The MP6002 exits the
hiccup mode once the over current condition is
removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com