Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6002DN Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6002DN
Description  Monolithic Flyback/Forward DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6002DN Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6002DN Datasheet HTML 7Page - Monolithic Power Systems MP6002DN Datasheet HTML 8Page - Monolithic Power Systems MP6002DN Datasheet HTML 9Page - Monolithic Power Systems MP6002DN Datasheet HTML 10Page - Monolithic Power Systems MP6002DN Datasheet HTML 11Page - Monolithic Power Systems MP6002DN Datasheet HTML 12Page - Monolithic Power Systems MP6002DN Datasheet HTML 13Page - Monolithic Power Systems MP6002DN Datasheet HTML 14Page - Monolithic Power Systems MP6002DN Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP6002 – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER
MP6002 Rev. 1.0
www.MonolithicPower.com
13
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
RCD Type of Snubber Design Procedure:
1. Setting VP
Higher VP means higher voltage stress on the
power switch, but lower power loss. Usually, VP
can be set as 20%~40% of (VIN+ NxVO).
VDS
VP
VIN
N x VO
0
VC
Figure 6—Voltage Waveform of Primary
Power Switch Shown in Figure 5(C)
2. Estimated RCD snubber loss is given by:
)
V
V
N
1
(
P
P
P
O
LK
LOSS
_
RCD
Where:
C
2
P
LK
LK
f
I
L
2
1
P
PLK is the energy stored in the leakage
inductance (LLK), which carries the peak current
at the power switch turn-off.
3. Calculate values of the RD and CD of RCD
snubber by:
LOSS
_
RCD
2
P
D
P
V
R
S
D
D
f
1
C
R

Input Capacitor
The input capacitors (C1) are chosen based
upon the AC voltage ripple on the input
capacitors, RMS current ratings, and voltage
rating of the input capacitors.
For a given AC ripple voltage, ΔVIN_PP, C1 can
be derived from:
PP
_
IN
S
IN
V
T
)
D
1
(
I
1
C
ΔVIN_PP may affect the C1 voltage rating and
converter stability. C1 RMS current has to be
considered:
D
)
D
1
(
I
I
IN
1
C
_
RMS
C1 has to have enough RMS current rating.
Output Filter
The simplest filter is an output capacitor (C2),
whose capacitance is determined by the output
ripple requirement.
The current waveform in the output capacitor is
mostly in rectangular shape. The full load
current is drawn from the capacitors during the
primary switch on time. The worse case for the
output ripple occurs under low line and full load
conditions. The ripple voltage can be estimated
by:
S
O
C
PP
0
f
2
C
D
I
V
ESR also needs to be specified for the output
capacitors. This is due to the step change in D2
current results in a ripple voltage that is
proportional to the ESR. Assuming that the D2
current waveform is in rectangular shape, the
ESR requirement is then obtained by given the
output ripple voltage.
)
D
1
(
ESR
I
V
O
R
_
PP
O
ESR
The total ripple voltage can be estimated by:
ESR
_
PP
O
C
PP
O
PP
O
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com