Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6002DN Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP6002DN
Description  Monolithic Flyback/Forward DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6002DN Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP6002DN Datasheet HTML 7Page - Monolithic Power Systems MP6002DN Datasheet HTML 8Page - Monolithic Power Systems MP6002DN Datasheet HTML 9Page - Monolithic Power Systems MP6002DN Datasheet HTML 10Page - Monolithic Power Systems MP6002DN Datasheet HTML 11Page - Monolithic Power Systems MP6002DN Datasheet HTML 12Page - Monolithic Power Systems MP6002DN Datasheet HTML 13Page - Monolithic Power Systems MP6002DN Datasheet HTML 14Page - Monolithic Power Systems MP6002DN Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MP6002 – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER
MP6002 Rev. 1.0
www.MonolithicPower.com
14
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Control Design
Generally, telecom power supplies require the
galvanic isolation between a relatively high
input voltage and low output voltages. The most
widely used devices to transfer signals across
the isolation boundary are pulse transformers
and optocouplers.
--
+
--
+
S
Tr
D
d
R6
R3
Rb
R4
R1
R2
R5
C1
VREF
VCC
RLOAD
RESR
CO
VO
TL431
VIN
--
+
Figure 7—Simplified Circuit of Isolated
Power Supply with Optocoupler Feedback
The MP6002 uses current mode control to
achieve easy compensation and fast transient
response. A type II compensation network
which has two poles and one zero is needed to
stabilize
the
system.
The
practical
compensation parameters are provided in the
EV6002DN datasheet.
Boost Controller Application
The MP6002 can be used as a boost controller
as shown in Figure 8.
MP6002
GND
COMP
FB
LINE
8
5
6
7
1
4
3
2
SW
RT
VCC
VIN
VIN
D1
200V/1A
180V
20mA
Figure 8—High Voltage LED Boost
Controller Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com