Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6401 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6401
Description  300mA LDO Linear Regulator with Integrated Reset Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6401 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6401 Datasheet HTML 1Page - Monolithic Power Systems MP6401 Datasheet HTML 2Page - Monolithic Power Systems MP6401 Datasheet HTML 3Page - Monolithic Power Systems MP6401 Datasheet HTML 4Page - Monolithic Power Systems MP6401 Datasheet HTML 5Page - Monolithic Power Systems MP6401 Datasheet HTML 6Page - Monolithic Power Systems MP6401 Datasheet HTML 7Page - Monolithic Power Systems MP6401 Datasheet HTML 8Page - Monolithic Power Systems MP6401 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP6401 – 300mA LDO LINEAR REGULATOR WITH INTEGRATED RESET IC
MP6401 Rev. 1.0
www.MonolithicPower.com
2
9/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature
(TA)
MP6401DQT-18AD3
7T
MP6401DQT-18BD3
8T
MP6401DQT-25AD3
5T
MP6401DQT-25BD3
6T
MP6401DQT-33BD3
TQFN8 (3mmx3mm)
4T
MP6401DGT-18AD3
7T
MP6401DGT-18BD3
8T
MP6401DGT-25AD3
5T
MP6401DGT-25BD3
6T
MP6401DGT-33BD3
TQFN6 (2mmx2mm)
4T
MP6401DJ-18AD3
7T
MP6401DJ-18BD3
8T
MP6401DJ-25AD3
5T
MP6401DJ-25BD3
6T
MP6401DJ-33BD3
TSOT23-6
4T
–40°C to +85°C
* For other versions, contact factory for availability.
Note:
MP6401DQT
DG
DJ
Output Voltage (Table 1)
Temperature
Package
Reset Threshold Accuracy (Table 2)
Reset Delay Time (Table 3)
} ___D_-LFZ
Table 1—Output Voltage Suffix Guide
Suffix
Output Voltage
18
1.8
25
2.5
33
3.3
Table 2—Reset Threshold Accuracy
Suffix
Vout Reset Threshold (%)
A
-7.5%
B
-12.5%
Table 3—Reset Delay Time Guide
Suffix
Typical Reset Delay Time (ms)
D1
3.125
D2
25
D3
200
D4
1580



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com