Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6401 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6401
Description  300mA LDO Linear Regulator with Integrated Reset Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6401 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6401 Datasheet HTML 2Page - Monolithic Power Systems MP6401 Datasheet HTML 3Page - Monolithic Power Systems MP6401 Datasheet HTML 4Page - Monolithic Power Systems MP6401 Datasheet HTML 5Page - Monolithic Power Systems MP6401 Datasheet HTML 6Page - Monolithic Power Systems MP6401 Datasheet HTML 7Page - Monolithic Power Systems MP6401 Datasheet HTML 8Page - Monolithic Power Systems MP6401 Datasheet HTML 9Page - Monolithic Power Systems MP6401 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MP6401 – 300mA LDO LINEAR REGULATOR WITH INTEGRATED RESET IC
MP6401 Rev. 1.0
www.MonolithicPower.com
6
9/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
TQFN8
Pin #
TQFN6
Pin#
TSOT
Pin#
Name
Description
1
2
1
3
IN
Supply input pin.
3
2
2
GND
Ground.
4
3
1
EN
Enable (Active High). Connect EN to IN generally. Don’t float EN pin.
5
4
6
RESET
Push-pull RESET . It asserts when the OUT voltage drops below its
threshold. When OUT voltage recover,
RESET deasserts after a fix delay
time (four options).
6
5
5
ADJ
Mode selector input. When ADJ is connected to the tap of an external resistor
divider from the OUT to GND, the OUT voltage is adjustable. When ADJ is
connected to GND, a preset output voltage is selected.
7
8
6
4
OUT
Regulator output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com