Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6401 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6401
Description  300mA LDO Linear Regulator with Integrated Reset Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6401 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6401 Datasheet HTML 8Page - Monolithic Power Systems MP6401 Datasheet HTML 9Page - Monolithic Power Systems MP6401 Datasheet HTML 10Page - Monolithic Power Systems MP6401 Datasheet HTML 11Page - Monolithic Power Systems MP6401 Datasheet HTML 12Page - Monolithic Power Systems MP6401 Datasheet HTML 13Page - Monolithic Power Systems MP6401 Datasheet HTML 14Page - Monolithic Power Systems MP6401 Datasheet HTML 15Page - Monolithic Power Systems MP6401 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP6401 – 300mA LDO LINEAR REGULATOR WITH INTEGRATED RESET IC
MP6401 Rev. 1.0
www.MonolithicPower.com
13
9/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Adjustable Regulator Output
The OUT voltage of MP6401 has two modes
available (fixed and adjustable output voltage).
When ADJ pin is connected to GND, the regulator
works in fixed voltage mode. The regulator output
voltage will equal to preset voltage (1.8V, 2.5V or
3.3V options). In fixed voltage mode, the
impedance between ADJ and ground should
always be less than 50kΩ. Generally, ADJ is
connected directly to ground.
When the ADJ pin is connected to the tap of an
external resistor divider, the regulator works in
adjustable voltage mode as shown in Fig 3. The
output voltage is selected by resistor divider, thus
12
OUT
2
RR
V
1.229
R
+
=×
In adjustable voltage mode, R2 equal to 13kΩ is
recommended as a good tradeoff among stability,
accuracy and high-frequency PSRR. R2 should
be not greater than 100kΩ.
Power Dissipation
The power dissipation for any package depends
on the thermal resistance of the case and circuit
board, the temperature difference between the
junction and ambient air, and the rate of airflow.
The power dissipation across the device can be
represented by the equation:
P = (VIN - VOUT) ×IOUT
The
allowable
power
dissipation
can
be
calculated using the following equation:
PD (MAX) = (TJ (MAX)-TA)/θJA
Where (TJ(MAX)-TA) is the temperature difference
between
the
junction
and
the
ambient
environment, θJA is the thermal resistance from
the junction to the ambient environment.
Connecting the GND pin of MP6401 to ground
using a large pad or ground plane helps to
channel heat away.
Output Capacitor Selection
The MP6401 is designed specifically to work with
very low ESR ceramic output capacitor 3.3uF
(min). For performance consideration, a large
ceramic capacitor such as 10uF is better. X7R or
X5R capacitor dielectric is recommended.
OUT Voltage Transient Immunity
The MP6401 can be immune to OUT pin short
negative transient. Typically, the immune duration
is 60us with 10mV overdriving. A shorter negative
transient can not make the RESET output assert.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com