Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6232DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6232DN
Description  3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6232DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6232DN Datasheet HTML 1Page - Monolithic Power Systems MP6232DN Datasheet HTML 2Page - Monolithic Power Systems MP6232DN Datasheet HTML 3Page - Monolithic Power Systems MP6232DN Datasheet HTML 4Page - Monolithic Power Systems MP6232DN Datasheet HTML 5Page - Monolithic Power Systems MP6232DN Datasheet HTML 6Page - Monolithic Power Systems MP6232DN Datasheet HTML 7Page - Monolithic Power Systems MP6232DN Datasheet HTML 8Page - Monolithic Power Systems MP6232DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP6231/MP6232 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP6231/MP6232 Rev. 1.2
www.MonolithicPower.com
2
3/31/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Enable
Switch
Maximum
Continuous
Load Current
Typical Short-
Circuit Current
@ TA=25C
Package
Top
Marking
Free Air
Temperature
(TA)
MP6231DN*
SOIC8E
MP6231DN
MP6231DH
MSOP8E
6231D
MP6231DS
Active
High
SOIC8
MP6232DN
SOIC8E
MP6232DN
MP6232DH
MSOP8E
6232D
MP6232DS
Active
Low
Dual
0.5A
750mA
SOIC8
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP6231DN–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP6231DN–LF–Z)
PACKAGE REFERENCE
1
2
3
4
8
7
6
5
TOP VIEW
GND
IN
EN1*
EN2*
FLAG1
OUT1
OUT2
FLAG2
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
MSOP8E
GND
IN
EN1*
EN2*
FLAG1
OUT1
OUT2
FLAG2
1
2
3
4
8
7
6
5
TOP VIEW
EXPOSED PAD
ON BACKSIDE
SOIC8E
GND
IN
EN1*
EN2*
FLAG1
OUT1
OUT2
FLAG2
1
2
3
4
8
7
6
5
TOP VIEW
SOIC8
MP6231/MP6232Dual-Channel
(* EN is active high for MP6231)
ABSOLUTE MAXIMUM RATINGS
(1)
IN .................................................-0.3V to +6.0V
EN, FLAG, OUT to GND ..............-0.3V to +6.0V
Continuous Power Dissipation (TA = +25°C)
(2)
SOIC8E...................................................... 2.5W
MSOP8E.................................................. 2.27W
SOIC8 ........................................................ 1.4W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Operating Junct. Temp. ........... -40°C to +125°C
Thermal Resistance
(3)
θJA
θJC
SOIC8E .................................. 50 ...... 10...
°C/W
MSOP8E................................. 55 ...... 12...
°C/W
SOIC8..................................... 90 ...... 42...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com