Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6232DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6232DN
Description  3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6232DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6232DN Datasheet HTML 1Page - Monolithic Power Systems MP6232DN Datasheet HTML 2Page - Monolithic Power Systems MP6232DN Datasheet HTML 3Page - Monolithic Power Systems MP6232DN Datasheet HTML 4Page - Monolithic Power Systems MP6232DN Datasheet HTML 5Page - Monolithic Power Systems MP6232DN Datasheet HTML 6Page - Monolithic Power Systems MP6232DN Datasheet HTML 7Page - Monolithic Power Systems MP6232DN Datasheet HTML 8Page - Monolithic Power Systems MP6232DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP6231/MP6232
3.3V/5V, Dual-Channel 500mA
Current-Limited Power Distribution Switches
MP6231/MP6232 Rev. 1.2
www.MonolithicPower.com
1
3/31/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
MP6231/MP6232
Power
Distribution
Switch features internal current limiting to
prevent damage to host devices due to faulty
load conditions. The MP6231/MP6232 analog
switch has 85mΩ on-resistance and operates
from 2.7V to 5.5V input. It is available with
guaranteed current limits, making it ideal for
load
switching
applications.
The
MP6231/MP6232 has built-in protection for both
over current and increased thermal stress. For
over current, the device will limit the current by
changing to a constant current mode.
As the temperature increases as a result of
short circuit, then the device will shut off. The
device will recover once the device temperature
reduces to approx 120
°C.
The MP6231/MP6232 is available in 8-pin
MSOP, SOIC package with exposed pad and 8-
pin SOIC w/o exposed pad.
FEATURES
• 500mA Continuous Current
• Accurate Current Limit
• 2.7V to 5.5V Supply Range
• 140μA Quiescent Current
• 85mΩ MOSFET
• Thermal-Shutdown Protection
• Under-Voltage Lockout
• 8ms FLAG Deglitch Time
• No FLAG Glitch During Power Up
• Reverse Current Blocking
• Active High & Active Low Options
• UL File # E322138
APPLICATIONS
• Smartphone and PDA
• Portable GPS Device
• Notebook PC
• Set-top-box
• Telecom and Network Systems
• PC Card Hot Swap
• USB Power Distribution
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
OUT2
DUAL-CHANNEL
MP6232
OUT1
1
2
3
4
5
6
7
8
+5V
To USB Controller
Output 1
Output 2
FLAG1
FLAG2
EN1
IN
GND
EN2
UL Recognized Component


Similar Part No. - MP6232DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6233 MPS-MP6233 Datasheet
248Kb / 10P
3.3V/5V, Dual-Channel 1.5A Current-Limited Power Distribution Switch
MP6233DH MPS-MP6233DH Datasheet
248Kb / 10P
3.3V/5V, Dual-Channel 1.5A Current-Limited Power Distribution Switch
MP62340 MPS-MP62340 Datasheet
331Kb / 12P
3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches
MP62340-1 MPS-MP62340-1 Datasheet
378Kb / 12P
3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches with Output Discharge
MP62340DH MPS-MP62340DH Datasheet
331Kb / 12P
3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches
More results

Similar Description - MP6232DN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2062C TI1-TPS2062C Datasheet
1Mb / 25P
Dual Channel, Current-Limited, Power-Distribution Switches
logo
Monolithic Power System...
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP6211 MPS-MP6211 Datasheet
264Kb / 11P
3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
MP62055 MPS-MP62055 Datasheet
376Kb / 10P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62340 MPS-MP62340 Datasheet
331Kb / 12P
3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches
MP62340-1 MPS-MP62340-1 Datasheet
378Kb / 12P
3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches with Output Discharge
MP62350 MPS-MP62350 Datasheet
359Kb / 12P
3.3V/5V, Dual-Channel, 500mA Current-Limited Power Distribution Switches With Output Discharge
logo
Texas Instruments
TPS2052C TI1-TPS2052C Datasheet
2Mb / 41P
Dual Channel, Current-Limited, Power-Distribution Switches
logo
Monolithic Power System...
MP6233 MPS-MP6233 Datasheet
248Kb / 10P
3.3V/5V, Dual-Channel 1.5A Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com