Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6232DN Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6232DN
Description  3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6232DN Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6232DN Datasheet HTML 4Page - Monolithic Power Systems MP6232DN Datasheet HTML 5Page - Monolithic Power Systems MP6232DN Datasheet HTML 6Page - Monolithic Power Systems MP6232DN Datasheet HTML 7Page - Monolithic Power Systems MP6232DN Datasheet HTML 8Page - Monolithic Power Systems MP6232DN Datasheet HTML 9Page - Monolithic Power Systems MP6232DN Datasheet HTML 10Page - Monolithic Power Systems MP6232DN Datasheet HTML 11Page - Monolithic Power Systems MP6232DN Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP6231/MP6232 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP6231/MP6232 Rev. 1.2
www.MonolithicPower.com
11
3/31/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
MSOP8E (EXPOSED PAD)
NOTE:
1) CONTROL DIMENSION IS IN INCHES. DIMENSION IN BRACKET IS
IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH,
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR
PROTRUSION.
4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING)
SHALL BE 0.004" INCHES MAX.
5) PIN 1 IDENTIFICATION HAS HALF OR FULL CIRCLE OPTION.
6) DRAWING MEETS JEDEC MO-187, VARIATION AA-T.
7) DRAWING IS NOT TO SCALE.
0.030(0.75)
0.037(0.95)
0.043(1.10)MAX
0.002(0.05)
0.006(0.15)
FRONT VIEW
SEATING PLANE
PIN 1 ID
(NOTE 5)
0.114(2.90)
0.122(3.10)
0.187(4.75)
0.199(5.05)
1
4
5
8
0.010(0.25)
0.014(0.35)
0.0256(0.65)BSC
0.114(2.90)
0.122(3.10)
TOP VIEW
0.004(0.10)
0.008(0.20)
SIDE VIEW
GAUGE PLANE
0.010(0.25)
0.016(0.40)
0.026(0.65)
0o-6o
RECOMMENDED LAND PATTERN
0.016(0.40)
0.0256(0.65)BSC
0.100(2.54)
0.181(4.60)
0.075(1.90)
0.040(1.00)
Exposed Pad
BOTTOM VIEW
0.087(2.20)
0.099(2.50)
0.062(1.58)
0.074(1.88)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com