Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7740 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP7740
Description  15W Class D Mono Single Ended Audio Amplifer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7740 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP7740 Datasheet HTML 1Page - Monolithic Power Systems MP7740 Datasheet HTML 2Page - Monolithic Power Systems MP7740 Datasheet HTML 3Page - Monolithic Power Systems MP7740 Datasheet HTML 4Page - Monolithic Power Systems MP7740 Datasheet HTML 5Page - Monolithic Power Systems MP7740 Datasheet HTML 6Page - Monolithic Power Systems MP7740 Datasheet HTML 7Page - Monolithic Power Systems MP7740 Datasheet HTML 8Page - Monolithic Power Systems MP7740 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP7740 – 15W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
MP7740 Rev. 0.9
www.MonolithicPower.com
2
9/22/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ORDERING INFORMATION
*For Tape & Reel, add suffix –Z (eg. MP7740DN–Z); For RoHS compliant packaging, add suffix –LF (eg.
MP7740DN–LF–Z)
PACKAGE REFERENCE
PIN
NIN
AGND
EN
PGND
SW
VDD
BS
1
2
3
4
8
7
6
5
TOP VIEW
EXPOSED PAD
ON BACKSIDE
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VDD ...................................... 40V
BS Voltage.................. VSW – 0.3V to VSW + 6.5V
Enable Voltage VEN........................–0.3V to +6V
VSW................... –1V (-5V for <10ns) to VDD + 1V
VPIN, VNIN ................................... –1V to VDD + 1V
AGND to PGND ..........................–0.3V to +0.3V
Continuous Power Dissipation
(TA = +25°C)
(2)
………………………………………………...2.5W
Junction Temperature............................... 150°C
Lead Temperature ....................................260
°C
Storage Temperature.............. –65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VDD ..........................9.5V to 36V
Operating Temperature TA........ –40°C to +85°C
Thermal Resistance
(4)
θJA
θJC
SOIC8E .................................. 50 ....... 8.........
°C
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/ θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.
Part Number*
Package
Top Marking
Temperature
MP7740DN
SOIC8E
MP7740DN
–40
°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com