Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7740 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7740
Description  15W Class D Mono Single Ended Audio Amplifer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7740 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7740 Datasheet HTML 1Page - Monolithic Power Systems MP7740 Datasheet HTML 2Page - Monolithic Power Systems MP7740 Datasheet HTML 3Page - Monolithic Power Systems MP7740 Datasheet HTML 4Page - Monolithic Power Systems MP7740 Datasheet HTML 5Page - Monolithic Power Systems MP7740 Datasheet HTML 6Page - Monolithic Power Systems MP7740 Datasheet HTML 7Page - Monolithic Power Systems MP7740 Datasheet HTML 8Page - Monolithic Power Systems MP7740 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP7740
15W Class D Mono
Single Ended Audio Amplifer
MP7740 Rev. 0.9
www.MonolithicPower.com
1
9/22/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP7740 is a mono 15W Class D Audio
Amplifier. It is one of MPS’ products of fully
integrated audio amplifiers which dramatically
reduces solution size by integrating the
following:
250mΩ power MOSFETs
Startup / Shutdown pop elimination
Short circuit protection circuits
The MP7740 utilizes a single ended output
structure capable of delivering 15W into 4Ω
speakers. MPS Class D Audio Amplifiers exhibit
the high fidelity of a Class A/B amplifier at high
efficiencies. The circuit is based on the MPS’
proprietary variable frequency topology that
delivers excellent linearity, fast response time
and operates on a single power supply.
FEATURES
• 15W Output at VDD = 24V into a 4Ω load
• THD+N = 0.05% at 1W, 8Ω
• 90% Efficiency at 15W & VDD=24V
• Low Noise (103µV Typical)
• Switching Frequency Up to 1MHz
• 9.5V to 36V Operation from a Single Supply
• Integrated Startup and Shutdown Pop
Elimination Circuit
• Thermal and Short Circuit Protection
• Integrated Power FETs
• Pin Compatible with MP7720
• Available in Tiny 8-Pin SOIC Package
APPLICATIONS
• Portable Docking Stations
• Surround Sound DVD Systems
• Televisions
• Flat Panel Monitors
• Multimedia Computers
• Home Stereo Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
AAM (Analog Adaptive Modulation) is a Trademark of Monolithic Power
Systems, Inc.
TYPICAL APPLICATION
+
AUDIO
INPUT
OFF ON
VDD
MP7740
SW
BS
PGND
VDD
PIN
EN
NIN
AGND
8
6
5
7
1
4
2
3
THD+N vs. POUT
VDD=24V,Freq=1kHz,A-wtd
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
60m
200m
1
5
20
POUT(W)


Similar Part No. - MP7740

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7740 MPS-MP7740 Datasheet
279Kb / 5P
15W Stereo Class D Single Ended Audio Amplifier
More results

Similar Description - MP7740

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7720 MPS-MP7720 Datasheet
338Kb / 11P
20W Class D Mono Single Ended Audio Amplifer
MP7722 MPS-MP7722 Datasheet
410Kb / 11P
2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7741 MPS-MP7741 Datasheet
507Kb / 14P
10W Class D Mono Single Ended Audio Amplifer
MP7742 MPS-MP7742 Datasheet
455Kb / 13P
2 x 15W Class D Stereo Single Ended Audio Amplifer
MP7745 MPS-MP7745 Datasheet
705Kb / 13P
2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7747 MPS-MP7747 Datasheet
656Kb / 14P
20W Class D Mono Single Ended Audio Amplifier
MP7721 MPS-MP7721 Datasheet
369Kb / 10P
2 x 10W Class D Stereo Single Ended Audio Amplifer
EV1740EC-00A MPS-EV1740EC-00A Datasheet
238Kb / 6P
3W High Efficiency Mono Class-D Audio Amplifer EV Board
EV7740DN-01B MPS-EV7740DN-01B Datasheet
279Kb / 5P
15W Stereo Class D Single Ended Audio Amplifier
EV7742DF-00B MPS-EV7742DF-00B Datasheet
233Kb / 5P
2X 15W Stereo Class D Single Ended Audio Amplifier EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com