Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7740 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP7740
Description  15W Class D Mono Single Ended Audio Amplifer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7740 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP7740 Datasheet HTML 2Page - Monolithic Power Systems MP7740 Datasheet HTML 3Page - Monolithic Power Systems MP7740 Datasheet HTML 4Page - Monolithic Power Systems MP7740 Datasheet HTML 5Page - Monolithic Power Systems MP7740 Datasheet HTML 6Page - Monolithic Power Systems MP7740 Datasheet HTML 7Page - Monolithic Power Systems MP7740 Datasheet HTML 8Page - Monolithic Power Systems MP7740 Datasheet HTML 9Page - Monolithic Power Systems MP7740 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP7740 – 15W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
MP7740 Rev. 0.9
www.MonolithicPower.com
6
9/22/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CURVES (continued)
Circuit of Figure 1, VDD=24V, VEN=5V, TA = +25°C, unless otherwise noted.
100
500
50
20
1k 2k
5k 10k 20k
POUT (W)
VDD (V)
-120
-100
-80
-60
-40
-20
0
-120
0
10
20
30
40
50
60
70
80
90
100
-100
-80
-60
-40
-20
0
-120
-100
-80
-60
-40
-20
0
Efficiency vs. POUT
VDD=24V,Input Signal Freq=1kHz
FREQUENCY (Hz)
FREQUENCY (Hz)
2
0
4 6
8 10 12 14 16 18
POUT vs. VDD
Input Signal Freq=1kHz
0
5
10
15
20
25
30
35
0
5
10 15 20 25 30 35 40
100
500
50
20
1k 2k
5k 10k 20k
-120
-100
-80
-60
-40
-20
0
FREQUENCY (Hz)
60
20k
100 200 500 1k 2k
5k 10k
60
30k
100 200 500 1k 2k
5k 10k 20k
10
30
50
70
90
110
130
150
0
5
10
15
OUTPUT POWER (W)
FREQUENCY (Hz)
Thermal Rise vs. Output Power
VDD=24V
Right to Left
Right to Left
Left to Right
Left to Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com